Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT540AMTC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHCT540AMTC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT540AMTC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCT540AMTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT540AMTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT540AMTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT540AMTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT540AMTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT540AMTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT540AMTC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500012
www.fairchildsemi.com
June 1997
Revised April 2005
74VHCT540A
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The VHCT540A is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It achieves
the high-speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissi-
pation.
The VHCT540A is an octal buffer/line driver designed to be
employed as memory and address drivers, clock drivers
and bus oriented transmitter/receivers.
This device is similar in function to the VHCT240A while
providing flow-through architecture (inputs on opposite side
from outputs). This pinout arrangement makes this device
especially useful as an output port for microprocessors,
allowing ease of layout and greater PC board density.
Protection circuits ensure that 0V to 7V can be applied to
the input and output (Note 1) pins without regard to the
supply voltage. This device can be used to interface 3V to
5V systems and two supply systems such as battery
backup. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Note 1: Outputs in OFF-STATE
Features
s High Speed: tPD 5.4 ns (typ) at VCC 5V
s Low Power Dissipation: ICC 4 PA (max) at TA 25qC
s Power down protection is provided on all inputs and
outputs
s Pin and function compatible with 74HCT540
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Logic Symbol
IEEE/IEC
Pin Descriptions
Connection Diagram
Truth Table
H
HIGH Voltage Level
X
Immaterial
L
LOW Voltage Level
Z
High Impedance
Order Number
Package Number
Package Dissipation
74VHCT540AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHCT540ASJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT540AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT540AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Description
OE1, OE2
3-STATE Output Enable Inputs
I0 - I7
Inputs
O0 - O7
3-STATE Outputs
Inputs
Outputs
OE1
OE2
I
LL
H
L
HX
X
Z
XH
X
Z
LLL
H


Similar Part No. - 74VHCT540AMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHCT540AMTC FAIRCHILD-74VHCT540AMTC Datasheet
237Kb / 9P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74VHCT540AMTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com