Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHCT374AM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHCT374AM
Description  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT374AM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHCT374AM Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT374AM Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
July 1997
Revised April 1999
© 1999 Fairchild Semiconductor Corporation
DS500030.prf
www.fairchildsemi.com
74VHCT374A
Octal D-Type Flip-Flop with 3-STATE Outputs
General Description
The VHCT374A is an advanced high speed CMOS octal
flip-flop with 3-STATE output fabricated with silicon gate
CMOS technology. It achieves the high speed operation
similar to equivalent Bipolar Schottky TTL while maintain-
ing the CMOS low power dissipation. This 8-bit D-type flip-
flop is controlled by a clock input (CP) and an output
enable input (OE). When the OE input is HIGH, the eight
outputs are in a high impedance state.
Protection circuits ensure that 0V to 7V can be applied to
the input and output (Note 1) pins without regard to the
supply voltage. This device can be used to interface 3V to
5V systems and two supply systems such as battery back
up. This circuit prevents device destruction due to mis-
matched supply and input voltages.
Note 1: Outputs in OFF-State.
Features
s High speed: fMAX = 140 MHz (typ) at TA = 25°C
s High noise immunity: VIH = 2.0V, VIL = 0.8V
s Power down protection is provided on all inputs and out-
puts
s Low power dissipation:
ICC = 4 µA (max) @ TA = 25°C
s Pin and function compatible with 74HCT374
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74VHCT374AM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74VHCT374ASJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHCT374AMTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHCT374AN
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input 3-STATE
OE
Output Enable Input 3-STATE
O0–O7
Outputs


Similar Part No. - 74VHCT374AM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT374AM STMICROELECTRONICS-74VHCT374AM Datasheet
73Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHCT374AM FAIRCHILD-74VHCT374AM Datasheet
108Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHCT374AM FAIRCHILD-74VHCT374AM Datasheet
271Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHCT374AM ONSEMI-74VHCT374AM Datasheet
270Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Fairchild Semiconductor
74VHCT374AMTC FAIRCHILD-74VHCT374AMTC Datasheet
108Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74VHCT374AM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com