Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-10019 Datasheet(PDF) 3 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-10019
Description  RJ45-IP67 Industrial Ethernet Connector System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-10019 Datasheet(HTML) 3 Page - CONEC Elektronische Bauelemente GmbH

  17-10019 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 3Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 4Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 5Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 6Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 7Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 8Page - CONEC Elektronische Bauelemente GmbH 17-10019 Datasheet HTML 9Page - CONEC Elektronische Bauelemente GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
11|2
Interface connector
Lock mechanism
IP Degree of protection
Temperature range
Strength of current
Voltage
Contact resistance
Insulation resistance
Electric strength contact to contact
Electric strength contact to metal Housing
Technical Data
Materials
Mechanical and electrical characteristics
RJ45 Cat. 5e per EIA TIA-568-B2/ RJ45 Cat. 6A per EIA TIA-568-B2 (channel)
Bayonet socket connector per IEC 61076-3-106
IP67
-40°C to + 85°C
1.2 A max. to 25°C
100 VDC
20 mΩ max.
500 MΩ
1000 VDC 60 sec.
1500 VDC 60 sec.
Housing
Fastening nut
Housing sealing
RJ45 Socket metal housing
RJ45 Socket and plug connector plastic housing
RJ45 Socket and plug contacts
Connector housing
Socket coupling ring
Cable termination
Cable seal
Interface seal
RJ45 plug connector metal housing
Protection cap
Seal
Protection cap
PBT (black) or ABS Metallized (nickel plated), flame protection per UL 94-V0, zinc die-cast (nickel plated)
Brass nickel plated
Silicone
Copper alloy, nickel plated
PBT (black), flame protection per UL 94-V0
Phosphor bronze, gold plated
PBT (black) or ABS Metallized (nickel plated), flame protection peer UL 94-V0, zinc die-cast (nickel plated)
PBT (black) or ABS Metallized (nickel plated), flame protection per UL 94-V0, zinc die-cast (nickel plated)
PBT (black) flame protection per UL 94-V0, or brass nickel plated
NBR
Silicone
Copper alloy, nickel plated
PBT (black) or ABS Metallized (nickel plated), flame protection per UL 94-V0, zinc die-cast (nickel plated)
Silicone
PE
RJ45-IP67 Industrial Ethernet Connector System
Technical specifications are subject to change without notice.


Similar Part No. - 17-10019

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-10019 CONEC-17-10019 Datasheet
369Kb / 1P
   Receptacle Assembly Kit
17-10019 CONEC-17-10019 Datasheet
684Kb / 1P
   Receptacle Assembly Kit Colored Plastic Receptacle Housing with Unshielded Cat. 5e RJ45 Inline Coupler
Jan. 28. 2011
More results

Similar Description - 17-10019

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
108M12-HV REDLION-108M12-HV Datasheet
887Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
105M12 REDLION-105M12 Datasheet
886Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
108M12 REDLION-108M12 Datasheet
798Kb / 3P
   IP67 Rated Unmanaged Industrial Ethernet Switch
EB-GT-8ES1EP REDLION-EB-GT-8ES1EP Datasheet
489Kb / 2P
   8 Port IP67 Unmanaged Industrial Ethernet Switch
logo
CONEC Elektronische Bau...
17K1A111 CONEC-17K1A111 Datasheet
627Kb / 1P
   Protective Cover Assembly Kit Metal Version Industrial Ethernet Connector (IP67)
39K1A205 CONEC-39K1A205 Datasheet
458Kb / 1P
   Protective Cover Assembly Kit Industrial Ethernet Connector (IP67) RoHS compliant
logo
Advantech Co., Ltd.
EKI-2528I-M12 ADVANTECH-EKI-2528I-M12 Datasheet
300Kb / 2P
   8 port M12 Unmanaged Industrial Ethernet Switch, IP67
10-Apr-2019
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
logo
Amphenol Corporation
RJFC7G AMPHENOL-RJFC7G Datasheet
249Kb / 4P
   Ethernet Connection System for Harsh Environment - Industrial EthernetTransform
logo
Red Lion Controls. Inc
EB-RJ45 REDLION-EB-RJ45 Datasheet
325Kb / 2P
   Industrial IP67 Waterproof Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com