Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Wi.DP1205-868-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # Wi.DP1205-868-R
Description  mplete Radio Transceiver Modules operating in the 433, 868 and 915 MHz license free ISM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Wi.DP1205-868-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button Wi.DP1205-868-R Datasheet HTML 2Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 3Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 4Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 5Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 6Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 7Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 8Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Wi.DP1205-868-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
WI.DP1205-XXX-R DATASHEET
5
1. Description
The Wi.DP1205-XXX-R’s are complete Radio Transceiver Modules operating in the 433, 868 and 915 MHz
license free ISM (Industrial Scientific and Medical) frequency bands. Based on the XE1205 transceiver, the
DP1205 offers the unique advantage of both narrow-band and wide-band communication. Offering high output
power and exceptional receiver sensitivity, the radio module is suitable for applications seeking to satisfy the
European (ETSI EN300-220-1and EN301 439-3) or the North American (FCC part 15.247 and 15.249) regulatory
standards. The Wi.DP1205-XXX-R is suitable for operation in the European social alarm bands (25 kHz channel
spacing). Its built-in 16-byte FIFO and full SPI simplify interfacing to the host controller.
1.1. Features
True UART to Antenna Solution
433/ 868/ 915 MHz Versions
No RF Knowledge Required
Digital Direct Interface
Fully Assembled and Tested
Surface Mount
30.5 mm x 18.5 mm
Supply Voltage 2.4 V – 3.6 V
Frequency Synthesizer Steps 500 Hz
Output Power is programmable up to 15 dBm
High Rx 0.1% Sensitivity down to -113 dBm at 4.8 kbps
Data Rate up to 152.3 kbit/s
Current Consumption Tx= 62 mA at 15 dBm
Current Consumption Rx= 14 mA
16-byte FIFO
Digital RSSI (Received Signal Strength Indicator)
Digital FEI (Frequency Error Indicator)
1.2. Applications
Narrow-band and Wide-band Security Systems
Voice and Data over an RF Link
Process and Building Controls
Access Controls
Chapter
1


Similar Part No. - Wi.DP1205-868-R

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
WI.DP1203-433-R SEMTECH-WI.DP1203-433-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
WI.DP1203-868-R SEMTECH-WI.DP1203-868-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
WI.DP1203-915-R SEMTECH-WI.DP1203-915-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
WI.DP1203-XXX-R SEMTECH-WI.DP1203-XXX-R Datasheet
487Kb / 17P
   True UART to Antenna Solution
More results

Similar Description - Wi.DP1205-868-R

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SATCA-10F3A1G-ISB4 SUNTSU-SATCA-10F3A1G-ISB4 Datasheet
1,006Kb / 5P
   ISM 433/868/915 Band
SATCA-9A4A2A-ISB4 SUNTSU-SATCA-9A4A2A-ISB4 Datasheet
970Kb / 5P
   ISM 433/868/915 Band
logo
Semtech Corporation
DP1203F SEMTECH-DP1203F Datasheet
395Kb / 13P
   433/868/915 MHz RF Modules
logo
List of Unclassifed Man...
RFM50 ETC2-RFM50 Datasheet
244Kb / 8P
   MCU with 100mW 433/470/868/915 MHz ISM Band Transceiver Module
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Abracon Corporation
ACR1504I3-EVB ABRACON-ACR1504I3-EVB Datasheet
571Kb / 4P
   Evaluation Board - 915/868/433 MHz: LPWA/ISM Multiband Chip Antenna
09-13-21
logo
Pulse A Technitrol Comp...
W3100X PULSE-W3100X Datasheet
2Mb / 31P
   ISM 169/433/868/915/2450MHz Helical Antenna
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
XE1203F SEMTECH-XE1203F Datasheet
516Kb / 36P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com