Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3809J25DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3809J25DBVR
Description  3-PIN SUPPLY VOLTAGE SUPERVISORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3809J25DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS3809J25DBVR Datasheet HTML 1Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 2Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 3Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 4Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 5Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 6Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 7Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 8Page - Texas Instruments TPS3809J25DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3.3 V
TPS3809K33
TMS320LC54x
GND
GND
RESET
RESET
VDD
VDD
TPS76333
GND
OUT
IN
5 V
2
3
1
RESET
VDD
GND
TPS3809J25, TPS3809L30
TPS3809K33, TPS3809I50
www.ti.com
SLVS228B – AUGUST 1999 – REVISED JULY 2012
3-PIN SUPPLY VOLTAGE SUPERVISORS
Check for Samples: TPS3809J25, TPS3809L30, TPS3809K33, TPS3809I50
1
FEATURES
APPLICATIONS
2
3-Pin SOT-23 Package
Applications Using DSPs, Microcontrollers, or
Microprocessors
Supply Current of 9
μA (Typical)
Wireless Communication Systems
Precision Supply Voltage Monitor
2.5 V, 3 V, 3.3 V, 5 V
Portable/Battery-Powered Equipment
Pin-For-Pin Compatible With MAX 809
Programmable Controls
Temperature Range: –40°C to +85°C
Intelligent Instruments
Industrial Equipment
Notebook/Desktop Computers
Automotive Systems
DESCRIPTION
The TPS3809 family of supervisory circuits provides circuit initialization and timing supervision, primarily for
DSPs and processor-based systems.
During power-on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET active as long as VDD remains below the threshold voltage
VIT. An internal timer delays the return of the output to the inactive state (high) to ensure proper system reset.
The delay time, td(typ) = 200 ms, starts after VDD has risen above the threshold voltage VIT. When the supply
voltage drops below the threshold voltage VIT, the output becomes active (low) again. No external components
are required. All the devices of this family have a fixed sense-threshold voltage VIT set by an internal voltage
divider.
The product spectrum is designed for supply voltages of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are available in a
3-pin SOT-23. The TPS3809 devices are characterized for operation over a temperature range of –40°C to 85°C.
spacer
Figure 2. Typical Application
Figure 1. DBV PACKAGE
TOP VIEW)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3809J25DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25DBVR TI1-TPS3809J25DBVR Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25DBVR TI1-TPS3809J25DBVR Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results

Similar Description - TPS3809J25DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_17 Datasheet
722Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com