Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC2106BSG66 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MPC2106BSG66
Description  512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2106BSG66 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MPC2106BSG66 Datasheet HTML 4Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 5Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 6Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 7Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 8Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 9Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 10Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 11Page - Motorola, Inc MPC2106BSG66 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MPC2105A
•MPC2106A•MPC2105B•MPC2106B
8
MOTOROLA FAST SRAM
DATA RAMs AC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 5%, VDD = 3.3 V ± 10% TA = 0 to + 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1a Unless Otherwise Noted
. . . . . . . . . . . . .
SYNCHRONOUS DATA RAMs READ/WRITE CYCLE TIMING (See Notes 1, 2, and 3)
MPC2105A/B
MPC2106A/B
Parameter
Symbol
Min
Max
Unit
Notes
Cycle Time
tKHKH
15
ns
Clock Access Time
tKHQV
9
ns
4
Output Enable to Output Valid
tGLQV
5
ns
Clock High to Output Active
tKHQX1
6
ns
Clock High to Output Change
tKHQX2
3
ns
Output Enable to Output Active
tGLQX
0
ns
Output Disable to Q High–Z
tGHQZ
2
6
ns
Clock High to Q High–Z
tKHQZ
6
ns
Clock High Pulse Width
tKHKL
5
ns
Clock Low Pulse Width
tKLKH
5
ns
Setup Time
Address
tAVKH
7.5
ns
5, 6
Setup Times:
Address Status
Data In
Write
Address Advance
Chip Enable
tSVKH
tDVKH
tWVKH
tBAVVKH
tEVKH
2.5
ns
5
Hold Times:
Address
Address Status
Data In
Write
Address Advance
Chip Enable
tKHAX
tKHTSX
tKHDX
tKHWX
tKHBAX
tKHEX
0.5
ns
5
NOTES:
1. In setup and hold times, W (write) refers to either one or both byte write enables LW and UW.
2. All read and write cycle timings are referenced from CLK or CG.
3. CG is a don’t care when UW or LW is sampled low.
4. Maximum access times are guaranteed for all possible PowerPC external bus cycles.
5. This is a synchronous device. All addresses must meet the specified setup and hold times for
ALL rising edges of CLK whenever TSP or
TSC is low, and the chip is selected. All other synchronous inputs must meet the specified setup and hold times for
ALL rising edges of
CLK when the chip is enabled. Chip enable must be valid at each rising edge of clock for the device (when TSP or TSC is low) to remain
enabled.
6. 5 ns of setup delay is incurred in address buffers.


Similar Part No. - MPC2106BSG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2106CDG66 MOTOROLA-MPC2106CDG66 Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2106SG66 MOTOROLA-MPC2106SG66 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2106BSG66

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104P MOTOROLA-MPC2104P Datasheet
158Kb / 16P
   256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com