Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C3V6P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZD27C3V6P
Description  Zener Diodes with Surge Current Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZD27C3V6P Datasheet(HTML) 4 Page - Vishay Siliconix

  BZD27C3V6P_13 Datasheet HTML 1Page - Vishay Siliconix BZD27C3V6P_13 Datasheet HTML 2Page - Vishay Siliconix BZD27C3V6P_13 Datasheet HTML 3Page - Vishay Siliconix BZD27C3V6P_13 Datasheet HTML 4Page - Vishay Siliconix BZD27C3V6P_13 Datasheet HTML 5Page - Vishay Siliconix BZD27C3V6P_13 Datasheet HTML 6Page - Vishay Siliconix BZD27C3V6P_13 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BZD27C3V6P to BZD27C200P
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 29-Nov-11
4
Document Number: 85810
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Typ. Diode Capacitance vs. Reverse Voltage
Fig. 3 - Power Dissipation vs. Ambient Temperature
Fig. 4 - Maximum Pulse Power Dissipation vs. Zener Voltage
Fig. 5 - Non-Repetitive Peak Reverse Current Pulse Definition
0.1
1
10
0.6
0.8
1.0
1.2
1.4
1.6
17411
V
F - Forward Voltage (V)
Max. V
F
Typ. V
F
10
100
1000
10 000
0
0.5
1.0
1.5
2.0
2.5
3.0
17412
V
R - Reverse Voltage (V)
C5V1P
C6V8P
C12P
C27P
C51P
C200P
C18P
0
1.0
0.5
1.5
2.5
2.0
3.0
0
25
50
75
100
125
150
17413
T
amb - Ambient Temperature (°C)
Ambient temperature
Tie point temperature
0
40
20
120
140
60
100
80
160
0
50
100
150
200
17414
V
Znom - Zener Voltage (V)
17415
t
I
RSM
(%)
100
90
50
10
t
1
t
1 = 10 µs
t
2 = 1000 µs
t
2


Similar Part No. - BZD27C3V6P_13

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZD27C3V6P PANJIT-BZD27C3V6P_15 Datasheet
154Kb / 6P
   VOLTAGE REGULATOR DIODES
logo
SUNMATE electronic Co.,...
BZD27C3V6P SUNMATE-BZD27C3V6P_15 Datasheet
585Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZD27C3V6P_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com