Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC595M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC595M
Description  8-Bit Shift Register with Output Latches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC595M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC595M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC595M Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics
Note 3: Parameter guaranteed by design.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Voltage (VIN)
−0.5V to +7.0V
DC Output Voltage (VOUT)
−0.5V to V
CC + 0.5V
Input Diode Current (IIK)
−20 mA
Output Diode Current (IOK)
±20 mA
DC Output Current (IOUT)
±25 mA
DC VCC/GND Current (ICC)
±75 mA
Storage Temperature (TSTG)
−65°C to +150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
Supply Voltage (VCC)
2.0V to
+5.5V
Input Voltage (VIN)0V to +5.5V
Output Voltage (VOUT)
0V to VCC
Operating Temperature (TOPR)
−40°C to +85°C
Input Rise and Fall Time (tr, tf)
VCC = 3.3V ±0.3V
0
∼ 100 ns/V
VCC = 5.0V ±0.5V
0
∼ 20 ns/V
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.50
1.50
V
Input Voltage
3.0
− 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
2.0
0.50
0.50
V
Input Voltage
3.0
− 5.5
0.3 VCC
0.3 VCC
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN = VIH
IOH = −50 µA
Output Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH = −4 mA
4.5
3.94
3.80
IOH = −8 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN = VIH
IOL = 50 µA
Output Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL = 4 mA
4.5
0.36
0.44
IOL = 8 mA
IOZ
3-STATE
5.5
±0.25
±2.5
µA
VIN = VCC or GND
Output
VOUT = VCC or GND
Off-State
VING = VIH or VIL
Current
IIN
Input Leakage Current
0
− 5.5
±0.1
±1.0
µAV
IN = 5.5V or GND
ICC
Quiescent Supply Current
5.5
4.0
40.0
µAV
IN = VCC or GND
Symbol
Parameter
VCC
(V)
TA = 25°C
Units
Conditions
Typ
Limits
VOLP
Quiet Output Maximum
5.0
0.9
1.2
V
CL = 50 pF
(Note 3)
Dynamic VOL
VOLV
Quiet Output Minimum
5.0
−0.9
−1.2
V
CL = 50 pF
(Note 3)
Dynamic VOL
VIHD
Minimum HIGH Level
5.0
3.5
V
CL = 50 pF
(Note 3)
Dynamic Input Voltage
VILD
Maximum LOW Level
5.0
1.5
V
CL = 50 pF
(Note 3)
Dynamic Input Voltage


Similar Part No. - 74VHC595M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC595M FAIRCHILD-74VHC595M Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595M ONSEMI-74VHC595M Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC595MTC FAIRCHILD-74VHC595MTC Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595MTC ONSEMI-74VHC595MTC Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
More results

Similar Description - 74VHC595M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC595 FAIRCHILD-74VHC595_07 Datasheet
407Kb / 12P
   8-Bit Shift Register with Output Latches
logo
ON Semiconductor
74VHC595 ONSEMI-74VHC595 Datasheet
408Kb / 14P
   8-Bit Shift Register with Output Latches
May 2007 Rev. 1.2
MM74HC595 ONSEMI-MM74HC595 Datasheet
662Kb / 16P
   8-Bit Shift Register with Output Latches
June 2009 Rev. 1.0.2
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
   8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
logo
NXP Semiconductors
74HC7597 PHILIPS-74HC7597 Datasheet
90Kb / 12P
   8-bit shift register with input latches
December 1990
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com