Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBU1501M Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RBU1501M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RBU1501M Datasheet(HTML) 1 Page - Rectron Semiconductor

  RBU1501M_13 Datasheet HTML 1Page - Rectron Semiconductor RBU1501M_13 Datasheet HTML 2Page - Rectron Semiconductor RBU1501M_13 Datasheet HTML 3Page - Rectron Semiconductor RBU1501M_13 Datasheet HTML 4Page - Rectron Semiconductor RBU1501M_13 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
resistive or inductive load.
RBU1501M
THRU
RBU1507M
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RBU
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TC = *100
oC (Note 4)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Isolation Voltage of case
Typical Thermal Resistance (Note 1)
Typical Current Squared Time
SYMBOL
VRRM
V
VISO
DC
IFSM
TJ, TSTG
VRMS
UNITS
Volts
VAC
Volts
Amps
15.0
250
259.3
1600
1.5
22
Amps
A2/S
0
C/W
0
C
Operating and Storage Temperature Range
R JC
R JA
IO
-55 to + 150
Volts
100
RBU1501M
RBU1503M
RBU1505M
RBU1502M
RBU1504M
200
800
RBU1506M
50
100
200
800
50
70
140
560
35
1000
RBU1507M
1000
700
400
400
280
600
600
420
2013-04
REV: A
CHARACTERISTICS
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 7.5A DC
Volts
5.0
@TA = 100
oC
@TA = 25
oC
1.1
100
UNITS
RBU1501M
RBU1503M
RBU1505M
RBU1502M
RBU1504M
RBU1506M RBU1507M
NOTES : 1. Thermal Resistance : Heat-sink case mounted or if PCB mounted.
2. "Fully ROHS compliant", "100% Sn plating (Pb-free)".
3. Equivalent to Vishay's GBU10 Series.
4. "*" Heat Sink Temperature.
I2t
5. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 15.0 Amperes
FEATURES
* Low leakage
* Low forward voltage
* Surge overload rating : 250 amperes peak
* Mounting position: Any
* Ideal for printed circuit boards
* High forward surge current capability
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
* UL list the recognized component directory,file #E94233
θ
θ
.880 (22.3)
.860 (21.8)
.160 (4.1)
.512 (13.0)
.140 (3.5)
.085 (2.16)
.075 (1.90)
.140 (3.56)
.130 (3.30)
.022 (0.56)
.018 (0.46)
.080 (2.03)
.065 (1.65)
.100 (2.54)
.085 (2.16)
.210 (5.33)
.190 (4.83)


Similar Part No. - RBU1501M_13

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RBU1501M RECTRON-RBU1501M Datasheet
244Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED
More results

Similar Description - RBU1501M_13

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com