Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-300320-61 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-300320-61
Description  IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-300320-61 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-300320-61 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2011
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
original
Date
Jul. 29
Jul. 29
J. Chaudry
Vincent Ke
Name
NTS
m [inches]
See Notes
IP67 Industrial Duplex LC (ODVA)
Single Mode Fiber Optic Patch Cords
Plastic Version
17K1A238
SEE TABLE
Tolerance
Unless otherwise specified
NOTES:
1. MAXIMUM CONNECTOR INSERTION LOSS (IL): 0.2dB,
PLUS CABLE ATTENUATION OF 0.78dB/km AT 1310nm
2. TEST DATA PROVIDED WITH EACH ASSEMBLY
Directive 2002/95/EC RoHS Compliant
Plug protective cover (x 2)
Plastic Version
Fiber optic cable: single mode
2 fiber indoor/outdoor breakout
Type OFNR; Jacket color: black
Label, lot code + part numbers (X2)
L
Cable Length
L
17-300320-31
1m ± 0.05m [39.37" ± 1.97"]
Part Number Max. IL
0.22 dB
Cable Length
L
Part Number Max. IL
Cable Length
L
Part Number Max. IL
Cable Length
L
Part Number Max. IL
21m ± 0.30m [826.77" ± 11.81"]
0.21 dB
17-300320-21
41m ± 0.40m [1614.17" ± 15.75"]
17-300320-41 0.24 dB
61m ± 0.60m [2401.57" ± 23.62"]
17-300320-61 0.25 dB
2m ± 0.05m [78.74" ± 1.97"]
17-300320-32
0.22 dB
22m ± 0.30m [866.14" ± 11.81"]
17-300320-22 0.22 dB
42m ± 0.40m [1653.54" ± 15.75"]
17-300320-42 0.24 dB
62m ± 0.60m [2440.95" ± 23.62"]
17-300320-62 0.25 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.23 dB
0.23 dB
0.22 dB
0.22 dB
0.22 dB
0.23 dB
0.23 dB
0.23 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
17-300320-33
17-300320-34
17-300320-35
17-300320-36
17-300320-37
17-300320-38
17-300320-39
17-300320-40
17-300320-01
17-300320-02
17-300320-23
17-300320-24
17-300320-25
17-300320-26
17-300320-27
17-300320-28
17-300320-29
17-300320-30
17-300320-03
17-300320-04
17-300320-05
17-300320-06
17-300320-07
17-300320-08
17-300320-09
17-300320-10
17-300320-11
17-300320-12
17-300320-13
17-300320-14
17-300320-15
17-300320-16
17-300320-17
17-300320-18
17-300320-19
17-300320-20
17-300320-43
17-300320-44
17-300320-45
17-300320-48
17-300320-47
17-300320-46
17-300320-49
17-300320-50
17-300320-51
17-300320-52
17-300320-53
17-300320-54
17-300320-55
17-300320-56
17-300320-57
17-300320-58
17-300320-59
17-300320-60
17-300320-63
17-300320-64
17-300320-65
17-300320-66
17-300320-67
17-300320-68
17-300320-69
17-300320-70
17-300320-71
17-300320-72
17-300320-73
17-300320-74
17-300320-75
17-300320-76
17-300320-77
17-300320-78
17-300320-79
17-300320-80
3m ± 0.05m [118.11" ± 1.97"]
4m ± 0.08m [157.48" ± 3.15"]
5m ± 0.08m [196.85" ± 3.15"]
6m ± 0.08m [236.22" ± 3.15"]
7m ± 0.08m [275.59" ± 3.15"]
8m ± 0.15m [314.96" ± 5.91"]
9m ± 0.15m [354.33" ± 5.91"]
10m ± 0.15m [393.70" ± 5.91"]
11m ± 0.15m [433.07" ± 5.91"]
12m ± 0.15m [472.44" ± 5.91"]
13m ± 0.15m [511.81" ± 5.91"]
14m ± 0.15m [551.18" ± 5.91"]
15m ± 0.15m [590.55" ± 5.91"]
16m ± 0.30m [629.92" ± 11.81"]
17m ± 0.30m [669.29" ± 11.81"]
18m ± 0.30m [708.66" ± 11.81"]
19m ± 0.30m [748.03" ± 11.81"]
20m ± 0.30m [787.40" ± 11.81"]
23m ± 0.30m [905.51" ± 11.81"]
24m ± 0.30m [944.88" ± 11.81"]
25m ± 0.30m [984.25" ± 11.81"]
26m ± 0.30m [1023.62" ± 11.81"]
27m ± 0.30m [1062.99" ± 11.81"]
28m ± 0.30m [1102.36" ± 11.81"]
29m ± 0.30m [1141.73" ± 11.81"]
30m ± 0.30m [1181.10" ± 11.81"]
31m ± 0.30m [1220.47" ± 11.81"]
32m ± 0.30m [1259.84" ± 11.81"]
33m ± 0.30m [1299.21" ± 11.81"]
34m ± 0.30m [1338.58" ± 11.81"]
35m ± 0.35m [1377.95" ± 13.78"]
36m ± 0.35m [1417.32" ± 13.78"]
37m ± 0.35m [1456.69" ± 13.78"]
38m ± 0.35m [1496.06" ± 13.78"]
39m ± 0.35m [1535.43" ± 13.78"]
40m ± 0.40m [1574.80" ± 15.75"]
43m ± 0.40m [1692.91" ± 15.75"]
44m ± 0.40m [1732.28" ± 15.75"]
45m ± 0.40m [1771.65" ± 15.75"]
46m ± 0.40m [1811.02" ± 15.75"]
47m ± 0.40m [1850.39" ± 15.75"]
49m ± 0.40m [1929.13" ± 15.75"]
50m ± 0.50m [1968.50" ± 19.69"]
51m ± 0.50m [2007.87" ± 19.69"]
63m ± 0.60m [2480.31" ± 23.62"]
64m ± 0.60m [2519.68" ± 23.62"]
70m ± 0.70m [2755.91" ± 27.56"]
80m ± 0.80m [3149.61" ± 31.50"]
52m ± 0.50m [2047.24" ± 19.69"]
53m ± 0.50m [2208.33" ± 19.69"]
54m ± 0.50m [2125.98" ± 19.69"]
55m ± 0.50m [2165.35" ± 19.69"]
56m ± 0.50m [2204.72" ± 19.69"]
57m ± 0.50m [2244.09" ± 19.69"]
58m ± 0.50m [2283.46" ± 19.69"]
59m ± 0.50m [2322.83" ± 19.69"]
60m ± 0.60m [2362.21" ± 23.62"]
48m ± 0.40m [1889.76" ± 15.75"]
65m ± 0.60m [2559.05" ± 23.62"]
66m ± 0.60m [2598.42" ± 23.62"]
67m ± 0.60m [2637.80" ± 23.62"]
68m ± 0.60m [2677.16" ± 23.62"]
69m ± 0.60m [2716.53" ± 23.62"]
71m ± 0.70m [2795.28" ± 27.56"]
72m ± 0.70m [2834.65" ± 27.56"]
73m ± 0.70m [2874.02" ± 27.56"]
74m ± 0.70m [2913.39" ± 27.56"]
75m ± 0.70m [2952.76" ± 27.56"]
76m ± 0.70m [2992.13" ± 27.56"]
77m ± 0.70m [3031.50" ± 27.56"]
78m ± 0.70m [3070.87" ± 27.56"]
79m ± 0.70m [3110.24" ± 27.56"]
Meters
[Inches]
Meters
[Inches]
Meters
[Inches]
Meters
[Inches]
A
B
B
A
FIBER PATH DETAIL
Coupling Ring (x 2)
Plastic Version
Plug Housing (x 2)
Plastic Version
PG9 Cable Gland (x 2)
Plastic Version
Cable Fitting (x 2)
Plastic Version


Similar Part No. - 17-300320-61

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-300330-01 CONEC-17-300330-01 Datasheet
360Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300330-02 CONEC-17-300330-02 Datasheet
360Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300330-03 CONEC-17-300330-03 Datasheet
360Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300330-04 CONEC-17-300330-04 Datasheet
360Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300330-05 CONEC-17-300330-05 Datasheet
360Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
More results

Similar Description - 17-300320-61

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A239 CONEC-17K1A239 Datasheet
360Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17K1A344 CONEC-17K1A344 Datasheet
273Kb / 1P
   IP67 Industrial Duplex LC (ODVA) MM Fiber Optic Patch Cords (62.5/125um)
17-300050 CONEC-17-300050 Datasheet
125Kb / 1P
   IP67 Fiber Optic Industrial Duplex LC Connector
logo
PANDUIT CORP.
F52ERLNLNSNM001 PANDUIT-F52ERLNLNSNM001 Datasheet
198Kb / 2P
   Opti-Core짰 Fiber Optic Patch Cords and Pigtails
4/2016
logo
Tripp Lite. All Rights ...
N455000SPM TRIPPLITE-N455000SPM Datasheet
493Kb / 2P
   Duplex Singlemode Fiber Optic Coupler, (LC-LC)
N455-000-PM TRIPPLITE-N455-000-PM Datasheet
156Kb / 2P
   Duplex Multimode Fiber Optic Coupler, (LC/LC)
N455-000-S-PM TRIPPLITE-N455-000-S-PM Datasheet
159Kb / 2P
   Duplex Singlemode Fiber Optic Coupler, (LC/LC)
N455000PM TRIPPLITE-N455000PM Datasheet
487Kb / 1P
   Duplex Multimode Fiber Optic Coupler, (LC-LC)
logo
List of Unclassifed Man...
DK-2633-01 ETC2-DK-2633-01 Datasheet
666Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, LC / LC
logo
PHOENIX CONTACT
2700312 PHOENIX-2700312 Datasheet
52Kb / 2P
   Fiber optic coupling - FL MM PATCH COUPLER LC-LC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com