Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC541SJ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC541SJ
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC541SJ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC541SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC541SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC541SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC541SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC541SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC541SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC541SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2005 Fairchild Semiconductor Corporation
DS011639
www.fairchildsemi.com
August 1993
Revised May 2005
74VHC541
Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The VHC541 is an advanced high-speed CMOS device
fabricated with silicon gate CMOS technology. It achieves
the high-speed operation similar to equivalent Bipolar
Schottky TTL while maintaining the CMOS low power dissi-
pation.
The VHC541 is an octal buffer/line driver designed to be
employed as memory and address drivers, clock drivers
and bus oriented transmitter/receivers.
This device is similar in function to the VHC244 while pro-
viding flow-through architecture (inputs on opposite side
from outputs). This pinout arrangement makes this device
especially useful as an output port for microprocessors,
allowing ease of layout and greater PC board density.
An input protection circuit insures that 0V to 7V can be
applied to the input pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery backup. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: tPD 3.5 ns (typ) at VCC 5V
s Low power dissipation: ICC 4 PA (max) at TA 25qC
s High noise immunity: VNIH VNIL 28% VCC (min)
s Power down protection is provided on all inputs
s Low noise: VOLP 0.9V (typ)
s Pin and function compatible with 74HC541
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Connection Diagram
Pin Descriptions
Logic Symbol
IEEE/IEC
Truth Table
H
HIGH Voltage Level
X
Immaterial
L
LOW Voltage Level
Z
High Impedance
Order Number
Package Number
Package Description
74VHC541M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74VHC541SJ
M20D
Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC541MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC541N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Pin Names
Descriptions
OE1, OE2
3-STATE Output Enable Inputs
I0 - I7
Inputs
O0 - O7
3-STATE Outputs
Inputs
Outputs
OE1
OE2
I
LL
H
H
HX
X
Z
XH
X
Z
LLL
L


Similar Part No. - 74VHC541SJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74VHC541SJ NSC-74VHC541SJ Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
ON Semiconductor
74VHC541SJ ONSEMI-74VHC541SJ Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
logo
National Semiconductor ...
74VHC541SJX NSC-74VHC541SJX Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Similar Description - 74VHC541SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com