Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC573 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VHC573
Description  Octal D-Type Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC573 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VHC573 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 4: Parameter guaranteed by design. tOSLH
|tPLH max  tPLH min|; tOSHL
|tPHL max  tPHL min|
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.)
CPD * VCC * fIN  ICC/8 (per Latch). The total CPD when n pcs. of the Latch operates can be
calculated by the equation: CPD(total) 21  8n.
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
r 0.3
7.6
11.9
1.0
14.0
ns
CL 15 pF
tPHL
Time (LE to On)
10.1
15.4
1.0
17.5
CL 50 pF
5.0
r 0.5
5.0
7.7
1.0
9.0
ns
CL 15 pF
6.5
9.7
1.0
11.0
CL 50 pF
tPLH
Propagation Delay
3.3
r 0.3
7.0
11.0
1.0
13.0
ns
CL 15 pF
tPHL
Time (D–On)
9.5
14.5
1.0
16.5
CL 50 pF
5.0
r 0.5
4.5
6.8
1.0
8.0
CL 15 pF
6.0
8.8
1.0
10.0
CL 50 pF
tPZL
3-STATE Output
3.3
r 0.3
7.3
11.5
1.0
13.5
ns
RL 1 k:
CL 15 pF
tPZH
Enable Time
9.8
15.0
1.0
17.0
CL 50 pF
5.0
r 0.5
5.2
7.7
1.0
9.0
ns
CL 15 pF
6.7
9.7
1.0
11.0
CL 50 pF
tPLZ
3-STATE Output
3.3
r 0.3
10.7
14.5
1.0
16.5
ns
RL 1 k:
CL 50 pF
tPHZ
Disable Time
5.0
r 0.5
6.7
9.7
1.0
11.0
CL 50 pF
tOSLH
Output to Output Skew
3.3
r 0.3
1.5
1.5
ns
(Note 4)
CL 50 pF
tOSHL
5.0
r 0.5
1.0
1.0
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
COUT
Output Capacitance
6
pF
VCC 5.0V
CPD
Power Dissipation
29
pF
(Note 5)
Capacitance
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
tw(H)
Minimum Pulse
3.3
r 0.3
5.0
5.0
ns
tw(L)
Width (LE)
5.0
r 0.5
5.0
5.0
tS
Minimum Setup Time
3.3
r 0.3
3.5
3.5
ns
5.0
r 0.5
3.5
3.5
tH
Minimum Hold Time
3.3
r 0.3
1.5
1.5
ns
5.0
r 0.5
1.5
1.5


Similar Part No. - 74VHC573

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHC573 FAIRCHILD-74VHC573 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573 Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC573 ONSEMI-74VHC573 Datasheet
252Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Toshiba Semiconductor
74VHC573FT TOSHIBA-74VHC573FT Datasheet
175Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
More results

Similar Description - 74VHC573

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com