Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM10B10C01 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # UM10B10C01
Description  Basic Switches
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

UM10B10C01 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button UM10B10C01 Datasheet HTML 2Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 3Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 4Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 5Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 6Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 7Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 8Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 9Page - Honeywell Solid State Electronics Center UM10B10C01 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 94 page
background image
Basic Switches
B Type Switches Performance Information
96
Honeywell Sensing and Control
For application help: call 1-800-537-6945.
ELECTRICAL DATA CHART
Amperes
Inrush
Motor
Lamp
Inductive2
N.C.
N.O.
N.C.
N.O.
N.C.
N.O.
Sea
50,000
Catalog
Listing
(contact
gap)
Voltage
Current
Carrying
Capacity
Max.1
Resistive Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Ckt.
Level
Feet
VDC
BZ-3YT*
8
5
10
30
15
5
2.5
3
1.5
10
10
.036 in.
14
5
10
30
15
5
2.5
3
1.5
10
10
0,91 mm
30
5
10
30
15
5
2.5
3
1.5
10
5
125
5110
10
22110.6
0.4
250
5
0.6
6
6
1.2
1.2
0.6
0.6
0.4
0.3
VAC
BZ-3YT*
120
5
5
30
15
5
2.5
3
1.5
5
5
.036 in.
240
5
5
30
15
5
2.5
3
1.5
5
5
0,91 mm
277
5
5
30
15
5
2.5
3
1.5
5
5
VDC
BM-2R
8
22
15
30
15
5
2.5
3
1.5
8
7
.020 in.
14
22
15
30
15
5
2.5
3
1.5
5
5
0,50 mm
30
22
2
30
15
5
2.5
3
1.5
1
1
125
22
0.4
4
4
0.8
0.4
0.4
0.4
.03
.02
230
22
0.2
2
2
0.4
0.2
0.2
0.2
.02
.01
VAC
BM-2R
125
22
22
35
20
5.8
3.4
3.5
2.0
22
22
.020 in.
250
22
22
35
20
5.8
3.4
3.5
2.0
22
22
0,50 mm
277
22
22
35
20
5.8
3.4
3.5
2.0
22
22
460
22
22
35
20
5.8
3.4
3.5
2.0
22
22
VDC
BA-2R
8
20
20
30
15
5
2.5
3
1.5
15
15
.020 in.
14
20
20
30
15
5
2.5
3
1.5
10
8
0,50 mm
30
20
5
30
15
5
2.5
3
1.5
5
2
125
20
0.5
4
4
0.8
0.4
0.4
0.4
.05
.03
230
20
0.25
2
2
0.4
0.2
0.2
0.2
.03
.02
VAC
BA-2R
120
20
20
75
75
12.5
12.5
7.5
7.5
20
20
.020 in.
240
20
20
75
75
12.5
12.5
7.5
7.5
20
20
0,50 mm
277
20
20
75
75
12.5
12.5
7.5
7.5
20
20
460
20
20
75
75
12.5
12.5
7.5
7.5
20
20
VDC
BE-2R
8
25
25
30
15
5
2.5
3
1.5
15
15
.020 in.
14
25
25
30
15
5
2.5
3
1.5
10
8
0,50 mm
30
25
5
30
15
5
2.5
3
1.5
5
2
125
25
0.5
4
4
0.8
0.8
0.4
0.4
.05
.03
250
25
0.25
2
2
0.4
0.4
0.2
0.2
.03
.02
VAC
BE-2R
120
25
25
96
96
16
16
10
10
25
.020 in.
240
25
25
96
96
16
16
10
10
25
0,50 mm
277
25
25
96
96
16
16
10
10
25
460
25
25
96
96
16
16
10
10
25
VAC
BZ-R
125
15
15
30
15
5
2.5
3
1.5
15
15
.006 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,15 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
VDC
BZ-1R
8
15
15
30
15
5
2.5
3
1.5
8
7
.010 in.
14
15
15
30
15
5
2.5
3
1.5
5
5
0,25 mm
30
15
2
30
15
5
2.5
3
1.5
1
1
125
15
0.4
4
4
0.8
0.8
0.4
0.4
0.03
0.01
230
15
0.2
2
2
0.4
0.4
0.2
0.2
0.02
0.01
VAC
BZ-1R
125
15
15
30
15
5
2.5
3
1.5
15
15
.010 in.
250
15
15
30
15
5
2.5
3
1.5
15
15
0,25 mm
277
15
15
30
15
5
2.5
3
1.5
15
15
460
15
15
30
15
5
2.5
3
1.5
15
15
* Ampere levels for BZ-3YT applicable only if common terminal is not used and switch is used as a shorting bar switch.


Similar Part No. - UM10B10C01

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
UM10B YFWDIODE-UM10B Datasheet
624Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM10B YFWDIODE-UM10B Datasheet
624Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UM10B YFWDIODE-UM10B Datasheet
489Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
First Silicon Co., Ltd
UM10B FS-UM10B Datasheet
500Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
UM10B-05 YFWDIODE-UM10B-05 Datasheet
416Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - UM10B10C01

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
   Basic Switches Standard
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com