Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17K1A344 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17K1A344
Description  IP67 Industrial Duplex LC (ODVA) MM Fiber Optic Patch Cords (62.5/125um)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17K1A344 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17K1A344 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2012
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
original
Date
Jul. 23
Jul. 23
J. Chaudry
Vincent Ke
Name
NTS
m [inches]
IP67 Industrial Duplex LC (ODVA)
MM Fiber Optic Patch Cords (62.5/125um)
Nickel Plated Zinc Die-Cast Version
17K1A344
SEE TABLE
Tolerance
Unless otherwise specified
NOTES:
1. MAXIMUM CONNECTOR INSERTION LOSS (IL): 0.5dB,
PLUS CABLE ATTENUATION OF 3.5dB PER 1.5 km AT 850nm
2. TEST DATA PROVIDED WITH EACH ASSEMBLY
Directive 2002/95/EC RoHS Compliant
Coupling Ring (x 2)
Nickel Plated Zinc Die-Cast Version
Plug protective cover (x 2)
Plastic Version
Label, lot code + part numbers (X2)
L
Cable Length
L
17-300870-31
1m ± 0.05m [39.37" ± 1.97"]
Part Number Max. IL
0.58 dB
Cable Length
L
Part Number Max. IL
Cable Length
L
Part Number Max. IL
Cable Length
L
Part Number Max. IL
21m ± 0.30m [826.77" ± 11.81"]
0.57 dB
17-300870-21
41m ± 0.40m [1614.17" ± 15.75"]
17-300870-41
0.64 dB
61m ± 0.60m [2401.57" ± 23.62"]
17-300870-61
0.71 dB
2m ± 0.05m [78.74" ± 1.97"]
17-300870-32
0.58 dB
22m ± 0.30m [866.14" ± 11.81"]
17-300870-22 0.58 dB
42m ± 0.40m [1653.54" ± 15.75"]
17-300870-42 0.65 dB
62m ± 0.60m [2440.95" ± 23.62"]
17-300870-62
0.72 dB
0.59 dB
0.59 dB
0.59 dB
0.60 dB
0.60 dB
0.61 dB
0.61 dB
0.61 dB
0.63 dB
0.63 dB
0.62 dB
0.62 dB
0.62 dB
0.63 dB
0.64 dB
0.64 dB
0.50 dB
0.51 dB
0.51 dB
0.51 dB
0.52 dB
0.52 dB
0.52 dB
0.53 dB
0.53 dB
0.54 dB
0.54 dB
0.54 dB
0.55 dB
0.55 dB
0.55 dB
0.56 dB
0.56 dB
0.56 dB
0.57 dB
0.57 dB
0.65 dB
0.65 dB
0.66 dB
0.66 dB
0.66 dB
0.67 dB
0.67 dB
0.68 dB
0.68 dB
0.68 dB
0.69 dB
0.69 dB
0.69 dB
0.70 dB
0.70 dB
0.70 dB
0.71 dB
0.71 dB
0.72 dB
0.72 dB
0.73 dB
0.73 dB
0.74 dB
0.74 dB
0.74 dB
0.75 dB
0.75 dB
0.75 dB
0.76 dB
0.76 dB
0.76 dB
0.77 dB
0.77 dB
0.77 dB
0.78 dB
0.78 dB
17-300870-33
17-300870-34
17-300870-35
17-300870-36
17-300870-37
17-300870-38
17-300870-39
17-300870-40
17-300870-01
17-300870-02
17-300870-23
17-300870-24
17-300870-25
17-300870-26
17-300870-27
17-300870-28
17-300870-29
17-300870-30
17-300870-03
17-300870-04
17-300870-05
17-300870-06
17-300870-07
17-300870-08
17-300870-09
17-300870-10
17-300870-11
17-300870-12
17-300870-13
17-300870-14
17-300870-15
17-300870-16
17-300870-17
17-300870-18
17-300870-19
17-300870-20
17-300870-43
17-300870-44
17-300870-45
17-300870-48
17-300870-47
17-300870-46
17-300870-49
17-300870-50
17-300870-51
17-300870-52
17-300870-53
17-300870-54
17-300870-55
17-300870-56
17-300870-57
17-300870-58
17-300870-59
17-300870-60
17-300870-63
17-300870-64
17-300870-65
17-300870-66
17-300870-67
17-300870-68
17-300870-69
17-300870-70
17-300870-71
17-300870-72
17-300870-73
17-300870-74
17-300870-75
17-300870-76
17-300870-77
17-300870-78
17-300870-79
17-300870-80
3m ± 0.05m [118.11" ± 1.97"]
4m ± 0.08m [157.48" ± 3.15"]
5m ± 0.08m [196.85" ± 3.15"]
6m ± 0.08m [236.22" ± 3.15"]
7m ± 0.08m [275.59" ± 3.15"]
8m ± 0.15m [314.96" ± 5.91"]
9m ± 0.15m [354.33" ± 5.91"]
10m ± 0.15m [393.70" ± 5.91"]
11m ± 0.15m [433.07" ± 5.91"]
12m ± 0.15m [472.44" ± 5.91"]
13m ± 0.15m [511.81" ± 5.91"]
14m ± 0.15m [551.18" ± 5.91"]
15m ± 0.15m [590.55" ± 5.91"]
16m ± 0.30m [629.92" ± 11.81"]
17m ± 0.30m [669.29" ± 11.81"]
18m ± 0.30m [708.66" ± 11.81"]
19m ± 0.30m [748.03" ± 11.81"]
20m ± 0.30m [787.40" ± 11.81"]
23m ± 0.30m [905.51" ± 11.81"]
24m ± 0.30m [944.88" ± 11.81"]
25m ± 0.30m [984.25" ± 11.81"]
26m ± 0.30m [1023.62" ± 11.81"]
27m ± 0.30m [1062.99" ± 11.81"]
28m ± 0.30m [1102.36" ± 11.81"]
29m ± 0.30m [1141.73" ± 11.81"]
30m ± 0.30m [1181.10" ± 11.81"]
31m ± 0.30m [1220.47" ± 11.81"]
32m ± 0.30m [1259.84" ± 11.81"]
33m ± 0.30m [1299.21" ± 11.81"]
34m ± 0.30m [1338.58" ± 11.81"]
35m ± 0.35m [1377.95" ± 13.78"]
36m ± 0.35m [1417.32" ± 13.78"]
37m ± 0.35m [1456.69" ± 13.78"]
38m ± 0.35m [1496.06" ± 13.78"]
39m ± 0.35m [1535.43" ± 13.78"]
40m ± 0.40m [1574.80" ± 15.75"]
43m ± 0.40m [1692.91" ± 15.75"]
44m ± 0.40m [1732.28" ± 15.75"]
45m ± 0.40m [1771.65" ± 15.75"]
46m ± 0.40m [1811.02" ± 15.75"]
47m ± 0.40m [1850.39" ± 15.75"]
49m ± 0.40m [1929.13" ± 15.75"]
50m ± 0.50m [1968.50" ± 19.69"]
51m ± 0.50m [2007.87" ± 19.69"]
63m ± 0.60m [2480.31" ± 23.62"]
64m ± 0.60m [2519.68" ± 23.62"]
70m ± 0.70m [2755.91" ± 27.56"]
80m ± 0.80m [3149.61" ± 31.50"]
52m ± 0.50m [2047.24" ± 19.69"]
53m ± 0.50m [2208.33" ± 19.69"]
54m ± 0.50m [2125.98" ± 19.69"]
55m ± 0.50m [2165.35" ± 19.69"]
56m ± 0.50m [2204.72" ± 19.69"]
57m ± 0.50m [2244.09" ± 19.69"]
58m ± 0.50m [2283.46" ± 19.69"]
59m ± 0.50m [2322.83" ± 19.69"]
60m ± 0.60m [2362.21" ± 23.62"]
48m ± 0.40m [1889.76" ± 15.75"]
65m ± 0.60m [2559.05" ± 23.62"]
66m ± 0.60m [2598.42" ± 23.62"]
67m ± 0.60m [2637.80" ± 23.62"]
68m ± 0.60m [2677.16" ± 23.62"]
69m ± 0.60m [2716.53" ± 23.62"]
71m ± 0.70m [2795.28" ± 27.56"]
72m ± 0.70m [2834.65" ± 27.56"]
73m ± 0.70m [2874.02" ± 27.56"]
74m ± 0.70m [2913.39" ± 27.56"]
75m ± 0.70m [2952.76" ± 27.56"]
76m ± 0.70m [2992.13" ± 27.56"]
77m ± 0.70m [3031.50" ± 27.56"]
78m ± 0.70m [3070.87" ± 27.56"]
79m ± 0.70m [3110.24" ± 27.56"]
Meters
[Inches]
Meters
[Inches]
Meters
[Inches]
Meters
[Inches]
A
B
B
A
FIBER PATH DETAIL
Plug Housing (x 2)
Nickel Plated Zinc Die-Cast Version
PG9 Cable Gland (x 2)
Nickel Plated Brass Version
Cable Fitting (x 2)
Plastic Version
Fiber optic cable: multi mode
62.5/125um, OM1, OFNR I/O
Jacket color: black
Preliminary Drawing


Similar Part No. - 17K1A344

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A345 CONEC-17K1A345 Datasheet
744Kb / 1P
   Receptacle Assembly Kit Colored Plastic Receptacle Housing with Cat. 5e RJ45 Jack and Terminal Block
Oct. 09. 2012
17K1A346 CONEC-17K1A346 Datasheet
725Kb / 1P
   Receptacle Assembly Kit Metallized Plastic Receptacle Housing with Cat. 5e RJ45 Jack and Terminal Block
Oct. 09. 2012
More results

Similar Description - 17K1A344

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A238 CONEC-17K1A238 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17K1A239 CONEC-17K1A239 Datasheet
360Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300050 CONEC-17-300050 Datasheet
125Kb / 1P
   IP67 Fiber Optic Industrial Duplex LC Connector
logo
PHOENIX CONTACT
2700312 PHOENIX-2700312 Datasheet
52Kb / 2P
   Fiber optic coupling - FL MM PATCH COUPLER LC-LC
logo
Tripp Lite. All Rights ...
N32003M TRIPPLITE-N32003M Datasheet
495Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
N32025M TRIPPLITE-N32025M Datasheet
484Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 25M (82-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N320-07M TRIPPLITE-N320-07M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N320-61M TRIPPLITE-N320-61M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 61M (200-ft.)
N320-02M TRIPPLITE-N320-02M Datasheet
165Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 2M (6-ft.)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com