Electronic Components Datasheet Search |
|
1XF0025-HO Datasheet(PDF) 1 Page - XFMRS Inc. |
|
1XF0025-HO Datasheet(HTML) 1 Page - XFMRS Inc. |
1 / 2 page XFMRS XFMRS, INC. 1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067 XFMRS 1 • LOW COST • SHORT LEAD TIMES • EXCELLENT FOR AC RIPPLE AND SWITCH MODE POWER SUPPLIES • STABLE INDUCTANCE FROM NO LOAD TO FULL RATED CURRENT • UNIVERSAL APPLICATIONS • HIGH DC CURRENT HANDLING CAPABILITIES • CUSTOM VERSIONS AVAILABLE • SURFACE MOUNT VERSIONS AVAILABLE • OTHER CONFIGURATIONS AVAILABLE (POT CORE, ROD CORE, EE CORE, RM CORE, ETC.) ELECTRICALSPECIFICATIONS@25C HORIZONTALENCAPSULATEDCONFIGURATION PACKAGE STYLE HP HP HP HP HP HP HP HP HP * Current that causes a maximum 15% drop in inductance. VERTICALENCAPSULATEDCONFIGURATION E (NOM. INCHES) .036 .032 .028 .025 .025 .046 .040 .036 .032 .028 .023 .051 .056 .040 .036 .032 .028 .025 T (NOM. INCHES) .250 .250 .250 .250 .250 .350 .350 .350 .350 .350 .350 .400 .400 .400 .400 .400 .400 .400 H (NOM. INCHES) 1.7502 1.7502 1.7502 1.7502 1.7502 1.9502 1.9502 1.9502 1.9502 1.9752 1.9752 1.1752 1.1752 1.1752 1.1752 11.2522 11.2522 11.2522 W (NOM. INCHES) .400 .400 .400 .400 .400 .500 .500 .500 .500 .500 .500 .660 .660 .660 .660 .660 .660 .660 L (NOM. INCHES) 1.750 1.750 1.750 1.750 1.750 1.800 1.800 1.800 1.800 1.800 1.800 1.160 1.160 1.160 1.160 1.160 1.160 1.160 DCR OHMS (MAX) .010 .020 .030 .045 .055 .015 .025 .035 .050 .070 .155 .020 .030 .035 .050 .090 .180 .250 CURRENT RATING* (AMPS DC) 3.0 2.0 1.5 1.0 1.0 5.0 4.0 3.0 2.5 2.0 1.5 6.0 4.5 4.0 3.0 2.0 1.5 1.0 INDUCTANCE @1kHz ± 10% 10uh 25uh 50uh 75uh 100uh 10uh 25uh 50uh 75uh 100uh 250uh 25uh 50uh 75uh 100uh 250uh 500uh 750uh XF0010-VP XF0025-VP XF0050-VP XF0075-VP XF0100-VP 1XF0010-VP 1XF0025-VP 1XF0050-VP 1XF0075-VP 1XF0100-VP 1XF0250-VP 2XF0025-VP 2XF0050-VP 2XF0075-VP 2XF0100-VP 2XF0250-VP 2XF0500-VP 2XF0750-VP PART NUMBER DCR OHMS (MAX) 0.150 0.150 0.200 0.250 0.280 0.360 0.360 1.100 2.400 CURRENT RATING* AMPS DC 4.0 3.5 3.0 2.5 2.0 2.0 2.0 1.0 0.5 INDUCTANCE @1 .0kHz, 1.0V ± 10% 10uh 25uh 50uh 75uh 100uh 150uh 250uh 500uh 1000uh XF0010-HP XF0025-HP XF0050-HP XF0075-HP XF0100-HP XF0150-HP XF0250-HP XF0500-HP XF1000-HP PART NUMBER |
Similar Part No. - 1XF0025-HO |
|
Similar Description - 1XF0025-HO |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |