Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US20D20C00 Datasheet(PDF) 9 Page - Honeywell Solid State Electronics Center

Part # US20D20C00
Description  Basic Switches
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

US20D20C00 Datasheet(HTML) 9 Page - Honeywell Solid State Electronics Center

Back Button US20D20C00 Datasheet HTML 5Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 6Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 7Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 8Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 9Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 10Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 11Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 12Page - Honeywell Solid State Electronics Center US20D20C00 Datasheet HTML 13Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
Basic Switches
US Series
Subminiature
8
HoneywelSensing and Control
For application help: call 1-800-537-6945.
PC Terminal Version
C
NO
NC
FEATURES
MICRO SWITCH’S smallest snap-action switch
Choice of low energy or power duty electrical ratings
Variety of integral actuators
Temperature Range:
−25° to +80°C(−13° to +176°F)
Weight: 0.2 grams (.007 oz.) – PC terminal type
0.3 grams (.011 oz.) – solder terminal type
Form C single-pole double-throw (SPDT) circuitry
ELECTRICAL RATINGS
Resistive Load
Gold Contacts
Silver Contacts
Voltage
US10 Type
US20 Type
30 VDC
0.1 A
0.5 A
125 VAC
0.1 A
0.1 A
ORDER GUIDE SOLDER TERMINALS
O.F. max.
R.F. min.
P.T. max.
O.T. min.
D.T. max.
O.P
grams
g
mm
mm
mm
mm
Contact Type
Actuator
oz.
Solder
ounces
inches
inches
inches
inches
Gold, 0.1 Amp
A pin plunger
100
US10D10A00
10
0,3
0,1
0,1
5,4
± 0,15
3.527
.353
.012
.004
.004
.213
± .006
C flat lever
25
US10D10C00
2,0
2,4
0,4
0,7
6,4
± 0,6
.88
.071
.094
.016
.028
.252
± .024
E simulated
30
US10D10E00
2,0
2,2
0,3
0,7
6,7
± 0,5
roller lever
1.058
.071
.087
.012
.028
.264
± .020
Silver, 0.5 Amp A pin plunger
100
US20D10A00
10
0,3
0,1
0,1
5,4
± 0,15
3.527
.353
.012
.004
.004
.213
± .006
C flat lever
25
US20D10C00
2,0
2,4
0,4
0,7
6,4
± 0,6
.88
.071
.094
.016
.028
.252
± .024
E simulated
30
US20D10E00
2,0
2,2
0,3
0,7
6,7
± 0,5
roller lever
1.058
.071
.087
.012
.028
.264
± .020
ORDER GUIDE PC STRAIGHT TERMINALS
O.F. max.
PC
R.F. min.
P.T. max.
O.T. min.
D.T. max.
O.P
grams
Straight
g
mmmmmm
mm
Contact Type
Actuator
oz.
Cross-Line
ounces
inches
inches
inches
inches
Gold, 0.1 Amp
A pin plunger
100
US10D20A00
10
0,3
0,1
0,1
4,8
± 0,15
3.527
.353
.012
.004
.004
.189
± .006
C flat lever
25
US10D20C00
1,0
2,4
0,4
0,7
5,8
± 0,7
.88
.035
.094
.016
.028
.228
± .028
E simulated
30
US10D20E00
1,0
2,2
0,3
0,7
6,1
± 0,7
roller lever
1.058
.035
.087
.012
.028
.240
± .028
Silver, 0.5 Amp A pin plunger
100
US20D20A00
10
0,3
0,1
0,1
4,8
± 0,15
3.527
.353
.012
.004
.004
.189
± .006
C flat lever
25
US20D20C00
1,0
2,4
0,4
0,7
5,8
± 0,7
.88
.035
.094
.016
.028
.228
± .028
E simulated
30
US20D20E00
1,0
2,2
0,3
0,7
6,1
± 0,7
roller lever
1.058
.035
.087
.012
.028
.240
± .028
OTHER TERMINATION TYPES ARE AVAILABLE
For PC right angle, change 2nd set of numbers to 50 (Example: US10D50A00)
For PC left angle, change 2nd set of numbers to 60 (Example: US10D60A00)


Similar Part No. - US20D20C00

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
US20 MICROSEMI-US20 Datasheet
153Kb / 4P
   RECTIFIERS ASSEMBLIES
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005 UTC-US2005 Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005G-AG6-R UTC-US2005G-AG6-R Datasheet
165Kb / 5P
   FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
More results

Similar Description - US20D20C00

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
311SM6 HONEYWELL-ACC-311SM6 Datasheet
375Kb / 7P
   Basic Switches Subminiature
BZ-2RD-T4-J HONEYWELL-ACC-BZ-2RD-T4-J Datasheet
810Kb / 16P
   Basic Switches Standard
logo
OTTO Engineering, Inc
MS24547-1 OTTO-MS24547-1 Datasheet
841Kb / 3P
   SUBMINIATURE BASIC SWITCHES
logo
Honeywell Accelerometer...
23SX39-T HONEYWELL-ACC-23SX39-T Datasheet
328Kb / 6P
   Basic Switches Subminiature
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
ZW50F90DW1 HONEYWELL-ZW50F90DW1 Datasheet
2Mb / 9P
   MICRO SWITCH??Sealed Subminiature Basic Switches
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
HS-SERIES HONEYWELL-HS-SERIES Datasheet
609Kb / 6P
   Hermetically Sealed Premium Large Basic Switches
July 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com