Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17-300330-01 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-300330-01
Description  IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-300330-01 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-300330-01 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
1
2
2
3
3
4
4
5
5
6
6
A
A
B
B
C
C
D
D
A3
1/1
Rev.
Changes
Date
Name
R
2011
Draw.
Appd.
Norm
D-old
DIN
Scale:
Part No.:
Material:
Title:
Drawing No.:
Sheet
Autodesk
Inventor
Dim. in
Approval Date
Name
Title
Customer:
a
original
Date
Jul. 29
Jul. 29
J. Chaudry
Vincent Ke
Name
NTS
m [inches]
See Notes
IP67 Industrial Duplex LC (ODVA)
Single Mode Fiber Optic Patch Cords
Nickel Plated Zinc Die-Cast Version
17K1A239
SEE TABLE
Tolerance
Unless otherwise specified
Directive 2002/95/EC RoHS Compliant
Coupling Ring (x 2)
Nickel Plated Zinc Die-Cast Version
Plug protective cover (x 2)
Plastic Version
Label, lot code + part numbers (X2)
L
Cable Length
L
17-300330-31
1m ± 0.05m [39.37" ± 1.97"]
Part Number Max. IL
0.22 dB
Cable Length
L
Part Number Max. IL
Cable Length
L
Part Number Max. IL
Cable Length
L
Part Number Max. IL
21m ± 0.30m [826.77" ± 11.81"]
0.21 dB
17-300330-21
41m ± 0.40m [1614.17" ± 15.75"]
17-300330-41 0.24 dB
61m ± 0.60m [2401.57" ± 23.62"]
17-300330-61 0.25 dB
2m ± 0.05m [78.74" ± 1.97"]
17-300330-32
0.22 dB
22m ± 0.30m [866.14" ± 11.81"]
17-300330-22 0.22 dB
42m ± 0.40m [1653.54" ± 15.75"]
17-300330-42 0.24 dB
62m ± 0.60m [2440.95" ± 23.62"]
17-300330-62 0.25 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.22 dB
0.23 dB
0.23 dB
0.22 dB
0.22 dB
0.22 dB
0.23 dB
0.23 dB
0.23 dB
0.20 dB
0.20 dB
0.20 dB 
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.20 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.21 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.24 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
0.25 dB
17-300330-33
17-300330-34
17-300330-35
17-300330-36
17-300330-37
17-300330-38
17-300330-39
17-300330-40
17-300330-01
17-300330-02
17-300330-23
17-300330-24
17-300330-25
17-300330-26
17-300330-27
17-300330-28
17-300330-29
17-300330-30
17-300330-03
17-300330-04
17-300330-05
17-300330-06
17-300330-07
17-300330-08
17-300330-09
17-300330-10
17-300330-11
17-300330-12
17-300330-13
17-300330-14
17-300330-15
17-300330-16
17-300330-17
17-300330-18
17-300330-19
17-300330-20
17-300330-43
17-300330-44
17-300330-45
17-300330-48
17-300330-47
17-300330-46
17-300330-49
17-300330-50
17-300330-51
17-300330-52
17-300330-53
17-300330-54
17-300330-55
17-300330-56
17-300330-57
17-300330-58
17-300330-59
17-300330-60
17-300330-63
17-300330-64
17-300330-65
17-300330-66
17-300330-67
17-300330-68
17-300330-69
17-300330-70
17-300330-71
17-300330-72
17-300330-73
17-300330-74
17-300330-75
17-300330-76
17-300330-77
17-300330-78
17-300330-79
17-300330-80
3m ± 0.05m [118.11" ± 1.97"]
4m ± 0.08m [157.48" ± 3.15"]
5m ± 0.08m [196.85" ± 3.15"]
6m ± 0.08m [236.22" ± 3.15"]
7m ± 0.08m [275.59" ± 3.15"]
8m ± 0.15m [314.96" ± 5.91"]
9m ± 0.15m [354.33" ± 5.91"]
10m ± 0.15m [393.70" ± 5.91"]
11m ± 0.15m [433.07" ± 5.91"]
12m ± 0.15m [472.44" ± 5.91"]
13m ± 0.15m [511.81" ± 5.91"]
14m ± 0.15m [551.18" ± 5.91"]
15m ± 0.15m [590.55" ± 5.91"]
16m ± 0.30m [629.92" ± 11.81"]
17m ± 0.30m [669.29" ± 11.81"]
18m ± 0.30m [708.66" ± 11.81"]
19m ± 0.30m [748.03" ± 11.81"]
20m ± 0.30m [787.40" ± 11.81"]
23m ± 0.30m [905.51" ± 11.81"]
24m ± 0.30m [944.88" ± 11.81"]
25m ± 0.30m [984.25" ± 11.81"]
26m ± 0.30m [1023.62" ± 11.81"]
27m ± 0.30m [1062.99" ± 11.81"]
28m ± 0.30m [1102.36" ± 11.81"]
29m ± 0.30m [1141.73" ± 11.81"]
30m ± 0.30m [1181.10" ± 11.81"]
31m ± 0.30m [1220.47" ± 11.81"]
32m ± 0.30m [1259.84" ± 11.81"]
33m ± 0.30m [1299.21" ± 11.81"]
34m ± 0.30m [1338.58" ± 11.81"]
35m ± 0.35m [1377.95" ± 13.78"]
36m ± 0.35m [1417.32" ± 13.78"]
37m ± 0.35m [1456.69" ± 13.78"]
38m ± 0.35m [1496.06" ± 13.78"]
39m ± 0.35m [1535.43" ± 13.78"]
40m ± 0.40m [1574.80" ± 15.75"]
43m ± 0.40m [1692.91" ± 15.75"]
44m ± 0.40m [1732.28" ± 15.75"]
45m ± 0.40m [1771.65" ± 15.75"]
46m ± 0.40m [1811.02" ± 15.75"]
47m ± 0.40m [1850.39" ± 15.75"]
49m ± 0.40m [1929.13" ± 15.75"]
50m ± 0.50m [1968.50" ± 19.69"]
51m ± 0.50m [2007.87" ± 19.69"]
63m ± 0.60m [2480.31" ± 23.62"]
64m ± 0.60m [2519.68" ± 23.62"]
70m ± 0.70m [2755.91" ± 27.56"]
80m ± 0.80m [3149.61" ± 31.50"]
52m ± 0.50m [2047.24" ± 19.69"]
53m ± 0.50m [2208.33" ± 19.69"]
54m ± 0.50m [2125.98" ± 19.69"]
55m ± 0.50m [2165.35" ± 19.69"]
56m ± 0.50m [2204.72" ± 19.69"]
57m ± 0.50m [2244.09" ± 19.69"]
58m ± 0.50m [2283.46" ± 19.69"]
59m ± 0.50m [2322.83" ± 19.69"]
60m ± 0.60m [2362.21" ± 23.62"]
48m ± 0.40m [1889.76" ± 15.75"]
65m ± 0.60m [2559.05" ± 23.62"]
66m ± 0.60m [2598.42" ± 23.62"]
67m ± 0.60m [2637.80" ± 23.62"]
68m ± 0.60m [2677.16" ± 23.62"]
69m ± 0.60m [2716.53" ± 23.62"]
71m ± 0.70m [2795.28" ± 27.56"]
72m ± 0.70m [2834.65" ± 27.56"]
73m ± 0.70m [2874.02" ± 27.56"]
74m ± 0.70m [2913.39" ± 27.56"]
75m ± 0.70m [2952.76" ± 27.56"]
76m ± 0.70m [2992.13" ± 27.56"]
77m ± 0.70m [3031.50" ± 27.56"]
78m ± 0.70m [3070.87" ± 27.56"]
79m ± 0.70m [3110.24" ± 27.56"]
Meters
[Inches]
Meters
[Inches]
Meters
[Inches]
Meters
[Inches]
A
B
B
A
FIBER PATH DETAIL
Plug Housing (x 2)
Nickel Plated Zinc Die-Cast Version
PG9 Cable Gland (x 2)
Nickel Plated Brass Version
Cable Fitting (x 2)
Plastic Version
Fiber optic cable: single mode
2 fiber indoor/outdoor breakout
Type OFNR; Jacket color: black
NOTES:
1. MAXIMUM CONNECTOR INSERTION LOSS (IL): 0.2dB,
PLUS CABLE ATTENUATION OF 0.78dB/km AT 1310nm
2. TEST DATA PROVIDED WITH EACH ASSEMBLY


Similar Part No. - 17-300330-01

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-300320-01 CONEC-17-300320-01 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300320-02 CONEC-17-300320-02 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300320-03 CONEC-17-300320-03 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300320-04 CONEC-17-300320-04 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17-300320-05 CONEC-17-300320-05 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
More results

Similar Description - 17-300330-01

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17K1A238 CONEC-17K1A238 Datasheet
343Kb / 1P
   IP67 Industrial Duplex LC (ODVA) Single Mode Fiber Optic Patch Cords
17K1A344 CONEC-17K1A344 Datasheet
273Kb / 1P
   IP67 Industrial Duplex LC (ODVA) MM Fiber Optic Patch Cords (62.5/125um)
17-300050 CONEC-17-300050 Datasheet
125Kb / 1P
   IP67 Fiber Optic Industrial Duplex LC Connector
logo
PANDUIT CORP.
F52ERLNLNSNM001 PANDUIT-F52ERLNLNSNM001 Datasheet
198Kb / 2P
   Opti-Core짰 Fiber Optic Patch Cords and Pigtails
4/2016
logo
Tripp Lite. All Rights ...
N455000SPM TRIPPLITE-N455000SPM Datasheet
493Kb / 2P
   Duplex Singlemode Fiber Optic Coupler, (LC-LC)
N455-000-PM TRIPPLITE-N455-000-PM Datasheet
156Kb / 2P
   Duplex Multimode Fiber Optic Coupler, (LC/LC)
N455-000-S-PM TRIPPLITE-N455-000-S-PM Datasheet
159Kb / 2P
   Duplex Singlemode Fiber Optic Coupler, (LC/LC)
N455000PM TRIPPLITE-N455000PM Datasheet
487Kb / 1P
   Duplex Multimode Fiber Optic Coupler, (LC-LC)
logo
List of Unclassifed Man...
DK-2633-01 ETC2-DK-2633-01 Datasheet
666Kb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, LC / LC
logo
PHOENIX CONTACT
2700312 PHOENIX-2700312 Datasheet
52Kb / 2P
   Fiber optic coupling - FL MM PATCH COUPLER LC-LC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com