Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC273M Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 74VHC273M
Description  Octal D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC273M Datasheet(HTML) 1 Page - Fairchild Semiconductor

  74VHC273M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC273M Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
April 1994
Revised April 1999
© 1999 Fairchild Semiconductor Corporation
DS011670.prf
www.fairchildsemi.com
74VHC273
Octal D-Type Flip-Flop
General Description
The VHC273 is an advanced high speed CMOS Octal D-
type flip-flop fabricated with silicon gate CMOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low
power dissipation.
The register has a common buffered Clock (CP) which is
fully edge-triggered. The state of each D input, one setup
time before the LOW-to-HIGH clock transition, is trans-
ferred to the corresponding flip-flop’s Q output. The Master
Reset (MR) input will clear all flip-flops simultaneously. All
outputs will be forced LOW independently of Clock or Data
inputs by a LOW voltage level on the MR input.
An input protection circuit insures that 0V to 7V can be
applied to the inputs pins without regard to the supply volt-
age. This device can be used to interface 5V to 3V systems
and two supply systems such as battery backup. This cir-
cuit prevents device destruction due to mismatched supply
and input voltages.
Features
s High Speed: fMAX= 165 MHz (typ) at VCC = 5V
s Low power dissipation: ICC = 4 µA (max) at TA = 25°C
s High noise immunity: VNIH = VNIL = 28% VCC (min)
s Power down protection is provided on all inputs
s Low noise: VOLP = 0.9V (max)
s Pin and function compatible with 74HC273
Ordering Code:
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbols
IEEE/IEC
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
74VHC273M
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide
74VHC273SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74VHC273MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VHC273N
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Pin Names
Description
D0–D7
Data Inputs
MR
Master Reset
CP
Clock Pulse Input
Q0–Q7
Data Outputs


Similar Part No. - 74VHC273M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC273M STMICROELECTRONICS-74VHC273M Datasheet
72Kb / 10P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
October 1999
logo
Fairchild Semiconductor
74VHC273M FAIRCHILD-74VHC273M Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74VHC273M FAIRCHILD-74VHC273M Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74VHC273M ONSEMI-74VHC273M Datasheet
717Kb / 15P
   Octal D-Type Flip-Flop
April 2007 Rev. 1.5
logo
Fairchild Semiconductor
74VHC273MTC FAIRCHILD-74VHC273MTC Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results

Similar Description - 74VHC273M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
74AC273SJX FAIRCHILD-74AC273SJX Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com