Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC1658Q1G5NAGA Datasheet(PDF) 7 Page - Integrated Device Technology

Part # DAC1658Q1G5NAGA
Description  Quad 16-bit DAC: 10 Gbps JESD204B interface: up to 1.50
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1658Q1G5NAGA Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button DAC1658Q1G5NAGA Datasheet HTML 3Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 4Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 5Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 6Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 7Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 8Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 9Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 10Page - Integrated Device Technology DAC1658Q1G5NAGA Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 101 page
background image
DAC1653Q/DAC1658Q
© IDT 2013. All rights reserved.
Advance data sheet
Rev. 1.03 — 13 May 2013
7 of 101
Integrated Device Technology
DAC1653Q/DAC1658Q
Quad 16-bit DAC: 10 Gbps JESD204B interface; up to 1.50 Gsps
44
RESET_N
I
general reset (active LOW)
45
SCS_N
I
SPI chip select (active LOW)
46
SCLK
I
SPI clock input
47
VDDD(1V2)
P
1.2 V digital power supply
48
SYSREF_E_N
I/O
multiple devices synchronization negative signal, east side
49
SYSREF_E_P
I/O
multiple devices synchronization positive signal, east side
50
VDDA(1V2)
P
1.2 V analog power supply
51
VIRES
I/O
vi-biasing resistor
52
GAPOUT
I/O
bandgap output voltage
53
VDDA(1V2)
P
1.2 V analog power supply
54
VDDA(out)
P
DAC1658Q: 3.3 V analog power supply
DAC1653Q: 2.5 V or 3.3 V analog power supply
55
VDDA(1V2)
P
1.2 V analog power supply
56
IOUTD_P
O
DAC D output current
57
IOUTD_N
O
complementary DAC D output current
58
VDDA(1V2)
P
1.2 V analog power supply
59
VDDA(1V2)
P
1.2 V analog power supply
60
IOUTC_N
O
complementary DAC C output current
61
IOUTC_P
O
DAC C output current
62
VDDA(1V2)
P
1.2 V analog power supply
63
VDDA(out)
P
DAC1658Q: 3.3 V analog power supply
DAC1653Q: 2.5 V or 3.3 V analog power supply
64
VDDA(out)
P
DAC1658Q: 3.3 V analog power supply
DAC1653Q: 2.5 V or 3.3 V analog power supply
65
VDDA(1V2)
P
1.2 V analog power supply
66
IOUTB_P
O
DAC B output current
67
IOUTB_N
O
complementary DAC B output current
68
VDDA(1V2)
P
1.2 V analog power supply
69
VDDA(1V2)
P
1.2 V analog power supply
70
IOUTA_N
O
complementary DAC A output current
71
IOUTA_P
O
DAC A output current
72
VDDA(1V2)
P
1.2 V analog power supply
Table 2.
Pin description …continued
Pin
Symbol
Type
Description


Similar Part No. - DAC1658Q1G5NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1658Q1G5NAGA RENESAS-DAC1658Q1G5NAGA Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1658Q1G5NAGA8 RENESAS-DAC1658Q1G5NAGA8 Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
More results

Similar Description - DAC1658Q1G5NAGA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DAC1653Q RENESAS-DAC1653Q Datasheet
9Mb / 165P
   Quad 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
6/5/14
DAC1653D RENESAS-DAC1653D Datasheet
3Mb / 168P
   Dual 16-bit DAC: 10 Gbps JESD204B interface: x2, x4 and x8 interpolating
28 April 2014
DAC1628D1G25 RENESAS-DAC1628D1G25 Datasheet
2Mb / 130P
   Dual 16-bit DAC: JESD204B interface: up to 1.25 Gsps; x2, x4 and x8 interpolating
2 July 2012
logo
Texas Instruments
DAC39J84 TI-DAC39J84_15 Datasheet
2Mb / 146P
[Old version datasheet]   DAC39J84 Quad-Channel, 16-Bit, 2.8 GSPS, Digital-to-Analog Converter with 12.5 Gbps JESD204B Interface
logo
Maxim Integrated Produc...
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
logo
Linear Technology
LTC1664 LINER-LTC1664_1 Datasheet
179Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664_15 Datasheet
233Kb / 16P
   Micropower Quad 10-Bit DAC
LTC1664 LINER-LTC1664 Datasheet
168Kb / 16P
   Micropower Quad 10-Bit DAC
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com