Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC221AN Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC221AN
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC221AN Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC221AN Datasheet HTML 1Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 2Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 3Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 4Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 5Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 6Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 7Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 8Page - Fairchild Semiconductor 74VHC221AN Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics (Note 6)
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation:
ICC (opr.) = CPD*VCC*fIN+ ICC
1*Duty/100
+ I
CC/2 (per Circuit)
ICC
1: Active Supply Current
Duty: %
Note 6: Refer to 74VHC221A Timing Chart.
AC Operating Requirement
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
3.3
± 0.3
13.4
20.6
1.0
24.0
ns
CL = 15 pF
tPHL
(A, B–Q, Q)
15.9
24.1
1.0
27.5
CL = 50 pF
5.0
± 0.5
8.1
12.0
1.0
14.0
ns
CL = 15 pF
9.6
14.0
1.0
16.0
CL = 50 pF
tPLH
Propagation Delay Time
3.3
± 0.3
14.5
22.4
1.0
26.0
ns
CL = 15 pF
tPHL
(CLR Trigger—Q, Q)
17.0
25.9
1.0
29.5
CL = 50 pF
5.0
± 0.5
8.7
12.9
1.0
15.0
ns
CL = 15 pF
10.2
14.9
1.0
17.0
CL = 50 pF
tPLH
Propagation Delay Time
3.3
± 0.3
10.3
15.8
1.0
18.5
ns
CL = 15 pF
tPHL
(CLR—Q, Q)
12.8
19.3
1.0
22.0
CL = 50 pF
5.0
± 0.5
6.3
9.4
1.0
11.0
ns
CL = 15 pF
7.811.41.0
13.0
CL = 50 pF
tWOUT
Output Pulse Width
2.0
415
CX = 28 pF
3.3
± 0.3
345
ns
CL = 50 pF RX = 6 kΩ
5.0
± 0.5
312
3.3
± 0.3
160
240
300
ns
CL = 50 pF Cx = 28 pF
5.0
± 0.5
133
200
240
Rx
= 2 kΩ
3.3
± 0.3
90
100
110
90
110
µs
CL = 50 pF Cx = 0.01 µF
5.0
± 0.5
90
100
110
90
110
Rx
= 10 kΩ
3.3
± 0.3
0.9
1.0
1.1
0.9
1.1
ms
CL = 50 pF Cx = 0.1 µF
5.0
± 0.5
0.9
1.0
1.1
0.9
1.1
Rx
= 10 kΩ
∆t
wOUT
Output Pulse Width Error
Between Circuits
±1%
(In same Package)
CIN
Input Capacitance
4
10
10
pF
VCC = Open
CPD
Power Dissipation
73
pF
(Note 5)
Capacitance
Symbol
Parameter
VCC
(V)
TA = 25°CTA = −40°C to +85°C
Units
Min
Typ
Max
Min
Max
tW(L)
Minimum Trigger
3.3
5.0
5.0
ns
tW(H)
Pulse Width
5.0
5.0
5.0
tW(L)
Minimum Clear
3.3
5.0
5.0
ns
Pulse Width
5.0
5.0
5.0


Similar Part No. - 74VHC221AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221A FAIRCHILD-74VHC221A Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
74VHC221AFT TOSHIBA-74VHC221AFT Datasheet
315Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
logo
Fairchild Semiconductor
74VHC221AM FAIRCHILD-74VHC221AM Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221AMTC FAIRCHILD-74VHC221AMTC_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
More results

Similar Description - 74VHC221AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC221AMX FAIRCHILD-74VHC221AMX Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A_04 Datasheet
120Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
74VHC221A FAIRCHILD-74VHC221A_07 Datasheet
464Kb / 12P
   Dual Non-Retriggerable Monostable Multivibrator
MM74HC221A FAIRCHILD-MM74HC221A Datasheet
108Kb / 9P
   Dual Non-Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com