Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC233920104 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # BFC233920104
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233920104 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button BFC233920104 Datasheet HTML 5Page - Vishay Siliconix BFC233920104 Datasheet HTML 6Page - Vishay Siliconix BFC233920104 Datasheet HTML 7Page - Vishay Siliconix BFC233920104 Datasheet HTML 8Page - Vishay Siliconix BFC233920104 Datasheet HTML 9Page - Vishay Siliconix BFC233920104 Datasheet HTML 10Page - Vishay Siliconix BFC233920104 Datasheet HTML 11Page - Vishay Siliconix BFC233920104 Datasheet HTML 12Page - Vishay Siliconix BFC233920104 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
MKP339 X2
www.vishay.com
Vishay BCcomponents
Revision: 13-May-13
9
Document Number: 28138
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2) Reel diameter = 356 mm is available on request
(3) Weight for short lead product only
310
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 10 %
0.12
6.0 x 15.5 x 26.0
2.4
11124
13124
300
15124
250
17124
600
0.15
11154
13154
15154
17154
0.18
11184
13184
15184
17184
0.22
11224
13224
15224
17224
0.27
11274
13274
15274
17274
0.33
11334
13334
15334
17334
0.33
8.5 x 14.0 x 26.5
3.6
-
-
-
75334
800
-
-
0.39
7.0 x 16.5 x 26.0
2.9
11394
13394
200
15394
250
17394
500
0.47
11474
13474
15474
17474
0.47
8.5 x 14.0 x 26.5
3.6
-
-
-
75474
800
-
-
0.56
8.5 x 18.0 x 26.0
3.8
10564
12564
200
14564
250
16564
450
0.68
10.0 x 19.5 x 26.0
6.8
10684
12684
200
14684
200
16684
350
0.82
10824
12824
14824
16824
1.0
12.0 x 22.0 x 26.0
7.8
10105
12105
150
14105
200
16105
300
PITCH = 22.5 mm ± 0.4 mm; dt = 0.80 mm ± 0.08 mm; C-TOL. = ± 5 %
0.12
6.0 x 15.5 x 26.0
2.4
51124
53124
300
55124
250
46124
600
0.15
51154
53154
55154
46154
0.18
51184
53184
55184
46184
0.22
51224
53224
55224
46224
0.27
51274
53274
55274
46274
0.33
7.0 x 16.5 x 26.0
2.9
51334
53334
200
55334
250
46334
500
0.39
51394
53394
55394
46394
0.47
8.5 x 18.0 x 26.0
3.8
51474
53474
200
55474
250
46474
450
0.56
50564
52564
54564
36564
0.68
10.0 x 19.5 x 26.0
6.8
50684
52684
200
54684
200
36684
350
0.82
50824
52824
54824
36824
1.0
12.0 x 22.0 x 26.0
7.8
50105
52105
150
54105
200
36105
300
ELECTRICAL DATA AND ORDERING INFORMATION - PITCH: 22.5 mm
URAC
(V)
CAP.
(μF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (3)
CATALOG NUMBER BFC2 339 XXXXX AND PACKAGING
LOOSE IN BOX
LARGE REEL
(500 mm) (1)(2)
SHORT LEADS
LONG LEADS
H = 18.5 mm
P0 = 12.7 mm
It = 3.5 mm
± 0.3 mm
It = 5.0 mm
± 1.0 mm
SPQ
It = 25.0 mm
± 2.0 mm
SPQ
SPQ


Similar Part No. - BFC233920104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233920102 VISHAY-BFC233920102 Datasheet
229Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 31-Aug-09
BFC233920103 VISHAY-BFC233920103 Datasheet
229Kb / 21P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 31-Aug-09
BFC233920103 VISHAY-BFC233920103 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
More results

Similar Description - BFC233920104

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com