Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC163N Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 74VHC163N
Description  4-Bit Binary Counter with Synchronous Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC163N Datasheet(HTML) 2 Page - Fairchild Semiconductor

  74VHC163N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 7Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 8Page - Fairchild Semiconductor 74VHC163N Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Functional Description
The VHC163 counts in modulo-16 binary sequence. From
state 15 (HHHH) it increments to state 0 (LLLL). The clock
inputs of all flip-flops are driven in parallel through a clock
buffer. Thus all changes of the Q outputs occur as a result
of, and synchronous with, the LOW-to-HIGH transition of
the CP input signal. The circuits have four fundamental
modes of operation, in order of precedence: synchronous
reset, parallel load, count-up and hold. Four control
inputs—Synchronous Reset (MR), Parallel Enable (PE),
Count Enable Parallel (CEP) and Count Enable Trickle
(CET)—determine the mode of operation, as shown in the
Mode Select Table. A LOW signal on MR overrides count-
ing and parallel loading and allows all outputs to go LOW
on the next rising edge of CP. A LOW signal on PE over-
rides counting and allows information on the Parallel Data
(Pn) inputs to be loaded into the flip-flops on the next rising
edge of CP. With PE and MR HIGH, CEP and CET permit
counting when both are HIGH. Conversely, a LOW signal
on either CEP or CET inhibits counting.
The VHC163 uses D-type edge-triggered flip-flops and
changing the MR, PE, CEP and CET inputs when the CP is
in either state does not cause errors, provided that the rec-
ommended setup and hold times, with respect to the rising
edge of CP, are observed.
The Terminal Count (TC) output is HIGH when CET is
HIGH and counter is in state 15. To implement synchro-
nous multistage counters, the TC outputs can be used with
the CEP and CET inputs in two different ways.
Figure 1 shows the connections for simple ripple carry, in
which the clock period must be longer than the CP to TC
delay of the first stage, plus the cumulative CET to TC
delays of the intermediate stages, plus the CET to CP
setup time of the last stage. This total delay plus setup time
sets the upper limit on clock frequency. For faster clock
rates, the carry lookahead connections shown in Figure 2
are recommended. In this scheme the ripple delay through
the intermediate stages commences with the same clock
that causes the first stage to tick over from max to min to
start its final cycle. Since this final cycle takes 16 clocks to
complete, there is plenty of time for the ripple to progress
through the intermediate stages. The critical timing that lim-
its the clock period is the CP to TC delay of the first stage
plus the CEP to CP setup time of the last stage. The TC
output is subject to decoding spikes due to internal race
conditions and is therefore not recommended for use as a
clock or asynchronous reset for flip-flops, registers or
counters.
Logic Equations: Count Enable
= CEP • CET • PE
TC
= Q
0 • Q1 • Q 2 • Q3 • CET
FIGURE 1.
FIGURE 2.
Pin Names
Description
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
MR
Synchronous Master Reset Input
P0–P3
Parallel Data Inputs
PE
Parallel Enable Inputs
Q0–Q3
Flip-Flop Outputs
TC
Terminal Count Output


Similar Part No. - 74VHC163N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC16373 STMICROELECTRONICS-74VHC16373 Datasheet
79Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373TTR STMICROELECTRONICS-74VHC16373TTR Datasheet
79Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373TTR STMICROELECTRONICS-74VHC16373TTR Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373_03 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
More results

Similar Description - 74VHC163N

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV163A HITACHI-HD74LV163A Datasheet
77Kb / 19P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Renesas Technology Corp
HD74LV163A RENESAS-HD74LV163A_15 Datasheet
131Kb / 17P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
HD74LV163A RENESAS-HD74LV163A Datasheet
106Kb / 15P
   Synchronous 4-bit Binary Counter (Synchronous Clear)
logo
Fairchild Semiconductor
MM74HC161 FAIRCHILD-MM74HC161_03 Datasheet
108Kb / 9P
   Synchronous Binary Counter with Asynchronous Clear Synchronous Binary Counter with Synchronous Clear
MM74HC161 FAIRCHILD-MM74HC161 Datasheet
85Kb / 8P
   Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
logo
Hitachi Semiconductor
HD74LV161A HITACHI-HD74LV161A Datasheet
84Kb / 19P
   Synchronous 4-bit Binary Counter (Direct Clear)
logo
Renesas Technology Corp
HD74LV161A RENESAS-HD74LV161A Datasheet
112Kb / 16P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS163A RENESAS-HD74LS163A Datasheet
199Kb / 12P
   Synchronous 4-bit Binary Counter (direct clear)
HD74LV161A RENESAS-HD74LV161A_15 Datasheet
137Kb / 18P
   Synchronous 4-bit Binary Counter (Direct Clear)
HD74LS161A RENESAS-HD74LS161A Datasheet
106Kb / 11P
   Synchronous 4-bit Binary Counter (direct clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com