Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3Z-D61 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3Z-D61
Description  Compact Sensor Offers Long Sensing Distance and Superior Noise-Immunity
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z-D61 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3Z-D61 Datasheet HTML 5Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 6Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 7Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 8Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 9Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 10Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 11Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 12Page - Omron Electronics LLC E3Z-D61 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
E3Z
E3Z
10
E39-R10
Material
Reflecting surface: Acrylic resin
Back: ABS resin
61.4
(2.42)
30.4
(1.20)
5
(0.20)
8 (0.31)
10 (0.39)
30 (1.18)
40 (1.57)
51.6 (2.03)
3.5 (0.14)
5.5 (0.22)
47 (1.85)
J
MINIATURE REFLECTOR
Two, M3
SUS304
stainless
steel
Adhesive
tape side
Two,
3.2
dia.
Material
Surface: Acrylic resin
Backside: ABS resin
E39-R3
41.8
(1.65)
25.4
(1.00)
22.5
(0.89)
34.8
(1.37)
38
(1.50)
34
(1.34)
22.9
(0.90)
16
(0.63)
10.1
(0.40) 1.2
19.3
3.4
2.6
1.2
10°
18.45
7
3.4
4.5
6
3.4
29 (1.14)
0.2
0.2
11
14°
13.7
(0.54)
20
(0.79)
J
TAPE REFLECTORS
E39-RS2
E39-RS3
Adhesive
tape side
Adhesive
tape side
Adhesive
tape side
Material:
Acrylic resin
Material:
Acrylic resin
Material:
Acrylic resin
E39-RS1
35 (1.38)
40 (1.57)
35
(1.38)
0.6
(0.02)
80 (3.15)
70
(2.76)
0.6
(0.02)
0.6
(0.02)
10
(0.39)


Similar Part No. - E3Z-D61

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D61 OMRON-E3Z-D61 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-D61 OMRON-E3Z-D61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D61 OMRON-E3Z-D61 Datasheet
2Mb / 19P
   Compact Photoelectric Sensor with Built-in Amplifier
E3Z-D61 OMRON-E3Z-D61 Datasheet
486Kb / 15P
   Photoelectric Sensor with Built-in Amplifier
E3Z-D61 OMRON-E3Z-D61 Datasheet
3Mb / 17P
   Compact Photoelectric Sensor with Built-in Amplifier
2019.6
More results

Similar Description - E3Z-D61

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PRD18-7DN ETC2-PRD18-7DN Datasheet
188Kb / 5P
   Long sensing distance proximity sensor
logo
Omron Electronics LLC
E2KC25MY1 OMRON-E2KC25MY1 Datasheet
373Kb / 18P
   Adjustable Long-distance Sensor
logo
Sharp Corporation
GP2Y0A02 SHARP-GP2Y0A02 Datasheet
64Kb / 4P
   LONG DISTANCE MEASURING SENSOR
logo
Omron Electronics LLC
E2R-A01 OMRON-E2R-A01 Datasheet
374Kb / 4P
   Compact Low Profile Inductive Proximity Sensor with 5 mm Sensing Distance
E2K-C25ME1 OMRON-E2K-C25ME1 Datasheet
389Kb / 6P
   Long-distance Capacitive Proximity Sensor
E2K-C OMRON-E2K-C Datasheet
122Kb / 6P
   Long-distance capacitive proximity sensor
logo
Texas Instruments
OPT3101 TI1-OPT3101_18 Datasheet
2Mb / 120P
[Old version datasheet]   ToF-Based Long-Range Proximity and Distance Sensor AFE
OPT3101 TI1-OPT3101 Datasheet
2Mb / 111P
[Old version datasheet]   ToF based Long Range Proximity and Distance Sensor AFE
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com