Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC132N Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHC132N
Description  Quad 2-Input NAND Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC132N Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHC132N Datasheet HTML 1Page - Fairchild Semiconductor 74VHC132N Datasheet HTML 2Page - Fairchild Semiconductor 74VHC132N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC132N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC132N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC132N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 3)
Note 2: Absolute Maximum Ratings are values beyond which the device
may be damaged or have its useful life impaired. The databook specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside databook specifica-
tions.
Note 3: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Voltage (VIN)
0.5V to 7.0V
DC Output Voltage (VOUT)
0.5V to VCC  0.5V
Input Diode Current (IIK)
20 mA
Output Diode Current (IOK)
r20 mA
DC Output Current (IOUT)
r25 mA
DC VCC/GND Current (ICC)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
Lead Temperature (TL)
(Soldering, 10 seconds)
260
qC
Supply Voltage (VCC)2.0V to 5.5V
Input Voltage (VIN)0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TOPR)
40qC to 85qC
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VP
Positive
3.0
2.20
2.20
V
Threshold Voltage
4.5
3.15
3.15
5.5
3.85
3.85
VN
Negative
3.0
0.90
0.90
V
Threshold Voltage
4.5
1.35
1.35
5.5
1.65
1.65
VH
Hysteresis
3.0
0.30
1.20
0.30
1.20
V
Output Voltage
4.5
0.40
1.40
0.40
1.40
5.5
0.50
1.60
0.50
1.60
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH
IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
or VIL
4.5
4.4
4.5
4.4
3.0
2.58
2.48
V
IOH 4 mA
4.5
3.94
3.80
IOH 8 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIH
IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
or VIL
4.5
0.0
0.1
0.1
3.0
0.36
0.44
V
IOL 4 mA
4.5
0.36
0.44
IOL 8 mA
IIN
Input Leakage Current
0–5.5
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
5.5
2.0
20.0
PAVIN VCC or GND


Similar Part No. - 74VHC132N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC132N FAIRCHILD-74VHC132N Datasheet
101Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
74VHC132NX FAIRCHILD-74VHC132NX Datasheet
101Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
More results

Similar Description - 74VHC132N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com