Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC00SJX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 74VHC00SJX
Description  Quad 2-Input NAND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC00SJX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  74VHC00SJX Datasheet HTML 1Page - Fairchild Semiconductor 74VHC00SJX Datasheet HTML 2Page - Fairchild Semiconductor 74VHC00SJX Datasheet HTML 3Page - Fairchild Semiconductor 74VHC00SJX Datasheet HTML 4Page - Fairchild Semiconductor 74VHC00SJX Datasheet HTML 5Page - Fairchild Semiconductor 74VHC00SJX Datasheet HTML 6Page - Fairchild Semiconductor 74VHC00SJX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained from the equation: ICC (opr.)
CPD * VCC * fIN  ICC/4 (per gate).
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation
3.3
r 0.3
5.5
7.9
1.0
9.5
ns
CL 15 pF
tPHL
Delay
8.0
11.4
1.0
13.0
CL 50 pF
5.0
r 0.5
3.7
5.5
1.0
6.5
ns
CL 15 pF
5.2
7.5
1.0
8.5
CL 50 pF
CIN
Input Capacitance
4
10
10
pF
VCC Open
CPD
Power Dissipation
19
pF
(Note 5)
Capacitance


Similar Part No. - 74VHC00SJX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VHC00SJ ONSEMI-74VHC00SJ Datasheet
312Kb / 10P
   Quad 2-Input NAND Gate
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
74VHC00SJ FAIRCHILD-74VHC00SJ_08 Datasheet
298Kb / 10P
   Quad 2-Input NAND Gate
More results

Similar Description - 74VHC00SJX

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com