Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430G2744 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430G2744
Description  MIXED SIGNAL MICROCONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430G2744 Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSP430G2744 Datasheet HTML 6Page - Texas Instruments MSP430G2744 Datasheet HTML 7Page - Texas Instruments MSP430G2744 Datasheet HTML 8Page - Texas Instruments MSP430G2744 Datasheet HTML 9Page - Texas Instruments MSP430G2744 Datasheet HTML 10Page - Texas Instruments MSP430G2744 Datasheet HTML 11Page - Texas Instruments MSP430G2744 Datasheet HTML 12Page - Texas Instruments MSP430G2744 Datasheet HTML 13Page - Texas Instruments MSP430G2744 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
General-Purpose Register
Program Counter
Stack Pointer
Status Register
Constant Generator
General-Purpose Register
General-Purpose Register
General-Purpose Register
PC/R0
SP/R1
SR/CG1/R2
CG2/R3
R4
R5
R12
R13
General-Purpose Register
General-Purpose Register
R6
R7
General-Purpose Register
General-Purpose Register
R8
R9
General-Purpose Register
General-Purpose Register
R10
R11
General-Purpose Register
General-Purpose Register
R14
R15
MSP430G2744
MSP430G2544
MSP430G2444
SLAS892A – MARCH 2013 – REVISED APRIL 2013
www.ti.com
Short-Form Description
CPU
The MSP430™ CPU has a 16-bit RISC architecture
that is highly transparent to the application. All
operations, other than program-flow instructions, are
performed as register operations in conjunction with
seven addressing modes for source operand and four
addressing modes for destination operand.
The CPU is integrated with 16 registers that provide
reduced instruction execution time. The register-to-
register operation execution time is one cycle of the
CPU clock.
Four of the registers, R0 to R3, are dedicated as
program counter, stack pointer, status register, and
constant
generator
respectively.
The
remaining
registers are general-purpose registers.
Peripherals are connected to the CPU using data,
address, and control buses and can be handled with
all instructions.
Instruction Set
The instruction set consists of 51 instructions with
three formats and seven address modes. Each
instruction can operate on word and byte data.
Table 4 shows examples of the three types of
instruction formats; Table 5 shows the address
modes.
Table 4. Instruction Word Formats
INSTRUCTION FORMAT
EXAMPLE
OPERATION
Dual operands, source-destination
ADD R4,R5
R4 + R5
→ R5
Single operands, destination only
CALL R8
PC
→ (TOS), R8 → PC
Relative jump, unconditional/conditional
JNE
Jump-on-equal bit = 0
Table 5. Address Mode Descriptions
ADDRESS MODE
S(1)
D(2)
SYNTAX
EXAMPLE
OPERATION
Register
MOV Rs,Rd
MOV R10,R11
R10
→ R11
Indexed
MOV X(Rn),Y(Rm)
MOV 2(R5),6(R6)
M(2+R5)
→ M(6+R6)
Symbolic (PC relative)
MOV EDE,TONI
M(EDE)
→ M(TONI)
Absolute
MOV &MEM,&TCDAT
M(MEM)
→ M(TCDAT)
Indirect
MOV @Rn,Y(Rm)
MOV @R10,Tab(R6)
M(R10)
→ M(Tab+R6)
M(R10)
→ R11
Indirect autoincrement
MOV @Rn+,Rm
MOV @R10+,R11
R10 + 2
→ R10
Immediate
MOV #X,TONI
MOV #45,TONI
#45
→ M(TONI)
(1)
S = source
(2)
D = destination
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: MSP430G2744 MSP430G2544 MSP430G2444


Similar Part No. - MSP430G2744

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430G2744 TI1-MSP430G2744 Datasheet
1Mb / 74P
[Old version datasheet]   MSP430G2x44 Mixed Signal Microcontrollers
MSP430G2744 TI1-MSP430G2744 Datasheet
1Mb / 84P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430G2744IDA38 TI1-MSP430G2744IDA38 Datasheet
1Mb / 74P
[Old version datasheet]   MSP430G2x44 Mixed Signal Microcontrollers
MSP430G2744IDA38 TI1-MSP430G2744IDA38 Datasheet
1Mb / 84P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430G2744IDA38R TI1-MSP430G2744IDA38R Datasheet
1Mb / 74P
[Old version datasheet]   MSP430G2x44 Mixed Signal Microcontrollers
More results

Similar Description - MSP430G2744

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com