Electronic Components Datasheet Search |
|
I408-965A3FS-20.000 Datasheet(PDF) 1 Page - ILSI America LLC |
|
I408-965A3FS-20.000 Datasheet(HTML) 1 Page - ILSI America LLC |
|
1 / 1 page Leaded Oscillator, OCXO I408 Series Metal Package, 26 mm X 26 mm ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 12/10_B Specifications subject to change without notice Frequency 1.000 MHz to 150.000 MHz Output Level TTL HC-MOS Sine Level ‘0’= 0.4 VDC Max., ‘1’ = 2.4 VDC Min. ‘0’ = 0.1 Vcc Max., ‘1’= 4.5 VDC Min. +4 dBm, 3 dBm Duty Cycle Specify 50% 10% or 5% See Table N.A. Rise / Fall Time 10 nS Max. @ Fo < 16 MHz, 5 nS Max. @ Fo > 16 MHz N.A. Output Load 5 TTL See Table 50 Ohms Supply Voltage 5.0 VDC 5% Current (Warm Up) 600 mA Max. Current @ +25 C 250 mA @ 5 VDC Control Voltage (“V” option) 2.5 VDC 2.0 VDC, 8 ppm Min. for AT cut Slope Positive Temperature Operating See Operating Temperature Table Storage -40 C to +85 C Environmental See Appendix B for information Package Information MSL = N.A., Termination = e1 Part Number Guide Sample Part Number: I408 - 5151YVA - 20.000 MHz Package Input Voltage Operating Temperature Symmetry (Duty Cycle) Output Stability (in ppm) Voltage Control Crysta l Cut Frequency I408 - 5 = 5.0 V 7 = 0 C to +50 C 5 = 45 / 55 Max. 1 = 10TTL / 15 pF HC-MOS Y = 0.5 V = Controled A = AT - 20.000 MHz 9 = 12 V 1 = 0 C to +70 C 6 = 40 / 60 Max. 3 = 15 pF HC-MOS 1 = 0.25 F = Fixed S = SC 3 = 3.3V 6 = -10 C to +70 C 6 = 30 pF 2 = 0.1 3 = -20 C to +70 C A = Sine 3 = 0.05 * 5 = 0.015 * NOTE: A 0.01 µF bypass capacitor is recommended between Vcc (pin 4) and Gnd (pin 2) to minimize power supply noise. * - Not available for all temperature ranges. |
Similar Part No. - I408-965A3FS-20.000 |
|
Similar Description - I408-965A3FS-20.000 |