Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMMT618TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT618TA
Description  20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT618TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT618TA Datasheet HTML 1Page - Diodes Incorporated FMMT618TA Datasheet HTML 2Page - Diodes Incorporated FMMT618TA Datasheet HTML 3Page - Diodes Incorporated FMMT618TA Datasheet HTML 4Page - Diodes Incorporated FMMT618TA Datasheet HTML 5Page - Diodes Incorporated FMMT618TA Datasheet HTML 6Page - Diodes Incorporated FMMT618TA Datasheet HTML 7Page - Diodes Incorporated FMMT618TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FMMT618
Document number: DS33111 Rev. 5 - 2
1 of 7
www.diodes.com
October 2012
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT618
20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
Features
BVCEO > 20V
IC = 2.5A Continuous Collector Current
RCE(SAT) = 50mΩ for a low equivalent On-Resistance
625mW Power dissipation
hFE characterised up to 6A for high current gain hold up
Complementary NPN type: FMMT718
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: molded plastic, “Green” molding compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (approximate)
Applications
DC-DC Modules
Gate driver
LED driver
Ordering Information (Note 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FMMT618TA
AEC-Q101
618
7
8
3,000
FMMT618QTA
Automotive
618
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen and Antimony free,"Green" and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified.
5. For packaging details, go to our website at http://www.diodes.com
Marking Information
618 = Product Type Marking Code
618
SOT23
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B


Similar Part No. - FMMT618TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT618 ZETEX-FMMT618 Datasheet
308Kb / 4P
   NPN SILICON POWER (SWITCHING) TRANSISTORS
logo
Diodes Incorporated
FMMT618 DIODES-FMMT618 Datasheet
307Kb / 4P
   SOT23 NPN SILICON POWER
logo
Micro Commercial Compon...
FMMT618 MCC-FMMT618 Datasheet
442Kb / 4P
   NPN Silicon Planar High Performance Transistor
logo
Nanjing International G...
FMMT618 DGNJDZ-FMMT618 Datasheet
1Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
logo
Diodes Incorporated
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
More results

Similar Description - FMMT618TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT618 DIODES-FMMT618_15 Datasheet
180Kb / 7P
   20V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_15 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMTL718 DIODES-FMMTL718_11 Datasheet
235Kb / 5P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT718 DIODES-FMMT718_15 Datasheet
395Kb / 7P
   20V PNP SILICON LOW SATURATION TRANSISTOR IN SOT23
DSS20200L DIODES-DSS20200L_15 Datasheet
222Kb / 7P
   20V PNP LOW SATURATION TRANSISTOR IN SOT23
FMMT619TA DIODES-FMMT619TA Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619TC DIODES-FMMT619TC Datasheet
162Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT625 DIODES-FMMT625_15 Datasheet
275Kb / 7P
   150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT625 DIODES-FMMT625 Datasheet
187Kb / 6P
   150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
FMMT619 DIODES-FMMT619_15 Datasheet
228Kb / 7P
   50V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com