Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C150J5GACAUTO Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # C0402C150J5GACAUTO
Description  Make Wire Connections Simple and Fast
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

C0402C150J5GACAUTO Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  C0402C150J5GACAUTO Datasheet HTML 1Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 2Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 3Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 4Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 5Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 6Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 7Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 8Page - Cooper Bussmann, Inc. C0402C150J5GACAUTO Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 148 page
background image
Pr oven Pr oducts for Demanding
Applications
For over 50 years, the Magnum name has stood for proven
products, custom solutions, quality commitment and superior
service – core strengths that help build long-term relationships
with our customers.
Magnum quality products support a broad range of electronic
and electrical OEM applications. Our product line offers the
most comprehensive selection of barrier-style terminal blocks
in the industry – as well as:
North American-style terminal blocks — single row, double
row and tri-barrier
European-style terminal blocks — PCB mount (spring, cage,
tiered, high current), screwless, and pluggable
Power distribution blocks — barrier and dead front, splicer,
stud type, multi-line, and power blocks
Rail and base mount terminal blocks
DIN rail sectional blocks
Junction blocks — stud type and feed through
Edge connectors — vertical and right angle mount
Connect with Magnum
European-Style PCB Terminal Blocks: Magnum Euro-Mag® blocks come come in a variety
of terminal options to make connections easy and in different wire-entry orientations to
solve wire routing issues. These high high-
current terminal blocks handle up to 115
amps right on the circuit board and are
available in mold-to-length designs to
provide the exact number of poles for a
specific application.
Electronic: Our electronic products, including PCB mountable
North American and Euro-Mag® terminal blocks, are found in a
variety of demanding applications:
Industrial and
Telecom
environmental controls
Process logic control (PLC)
Instrumentation
Test and measurement
Security and alarm systems
Power supplies
Traffic signals and controls
Elevators and conveyors
®
MAGNUM


Similar Part No. - C0402C150J5GACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C150J5GACAUTO KEMET-C0402C150J5GACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 15 pF, 5%, 50 V, 0402, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
More results

Similar Description - C0402C150J5GACAUTO

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C02-07 COOPER-C02-07 Datasheet
3Mb / 148P
   Make Wire Connections Simple and Fast
logo
Visual Communications C...
5400 VCC-5400 Datasheet
269Kb / 2P
   Simple and fast installation
logo
IQD Frequency Products ...
CFPP-23 IQD-CFPP-23 Datasheet
954Kb / 2P
   Fast Make Oscillator Specification
CFPP-40 IQD-CFPP-40 Datasheet
305Kb / 2P
   Fast Make Oscillator Specification
CFPP-73 IQD-CFPP-73 Datasheet
702Kb / 2P
   Fast Make Oscillator Specification
CFPP-54 IQD-CFPP-54 Datasheet
277Kb / 2P
   Fast Make Oscillator Specification
CFPP-303 IQD-CFPP-303 Datasheet
960Kb / 2P
   Fast Make Oscillator Specification
CFPP-9 IQD-CFPP-9 Datasheet
365Kb / 2P
   Fast Make Oscillator Specification
CFPP-39 IQD-CFPP-39 Datasheet
304Kb / 2P
   Fast Make Oscillator Specification
CFPP-41 IQD-CFPP-41 Datasheet
307Kb / 2P
   Fast Make Oscillator Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com