Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-F151 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-F151
Description  10 mm (0.40 inch) Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-F151 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDSP-F151 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDSP-F151 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
I
V
420
1200
μcd
I
F
= 5 mA
(Digit Average)
Forward Voltage/Segment or DP
V
F
2.0
2.5
V
I
F
= 20 mA
HDSP-
Peak Wavelength
O
PEAK
635
nm
F20x/
G20x
Dominant Wavelength[3]
O
d
626
nm
Reverse Voltage/Segment or DP[4]
V
R
3.0
30
V
I
R
= 100 μA
Temperature Coefficient of
ΔV
F
/°C
-2
mV/°C
V
F
/Segment or DP
Thermal Resistance LED
R
T
J-PIN
320
°C/W/Seg
Junction-to-Pin
High Efficiency Red
Electrical/Optical Characteristics at T
A = 25°C, continued
Orange
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Segment[1,2]
I
V
420
1200
μcd
I
F
= 5 mA
(Digit Average)
Forward Voltage/Segment or DP
V
F
2.0
2.5
V
I
F
= 20 mA
Peak Wavelength
l
PEAK
600
nm
Dominant Wavelength[3]
l
d
603
nm
Reverse Voltage/Segment or DP[4]
V
R
3.0
30
V
I
R
= 100 μA
Temperature Coefficient of
ΔV
F
/°C
-2
mV/°C
V
F
/Segment or DP
Thermal Resistance LED
Rl\q
J-PIN
320
°C/W/Seg
Junction-to-Pin
HDSP-
F40x


Similar Part No. - HDSP-F151

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP-F151-00000 HP-HDSP-F151-00000 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151-00016 HP-HDSP-F151-00016 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
More results

Similar Description - HDSP-F151

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-FXXX AVAGO-HDSP-FXXX Datasheet
331Kb / 8P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com