Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10471 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 10471
Description  Avago Aveon20mm range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10471 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 10471 Datasheet HTML 5Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 9Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 10Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 11Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 12Page - List of Unclassifed Manufacturers 10471 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Avago Moonstone 20mm range
*Orthogonal is the elliptical beam turned through 90deg.
#Full Width Half Maximum i.e. total viewing angle
Base of lens to PCB height is 3.6mm
www.carclo-optics.com
Part No.
Description
Warm White
FWHM
#
EFF
Cd/lm
10199
Plain Tight
11.12*11.09
88.5%
8.19
10200
Frosted Narrow
17.81*17.41
88%
5.31
10210
Ripple Medium
26.46*25.97
87.7%
3.24
10201
Medium Frosted
27.77*27.28
82.8%
2.43
10211
Ripple Wide
46.49*46.02
83.9%
1.24
10202
Wide Frosted
39.32*40.35
80.6%
1.41
10203
Elliptical
45.97*17.33
85.7%
2.66
10204
Elliptical Orthogonal*
45.23*20.03
84.5%
2.29
10357
wide angle reflector
10210
10200
10201
10211
10203 & 10204
10199
10202


Similar Part No. - 10471

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10471 ETC-10471 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10471 HEYCO-10471 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
SICK AG
1047118 SICK-1047118 Datasheet
686Kb / 6P
   MID RANGE DISTANCE SENSORS
logo
Weidmuller
1047130000 WEIDMULLER-1047130000 Datasheet
138Kb / 5P
   LXXX 15.00/02/90 4.5SN BK BX
1047140000 WEIDMULLER-1047140000 Datasheet
188Kb / 4P
   LXXX 15.00/03/90 4.5SN BK BX
More results

Similar Description - 10471

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Ledil, Inc.
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Avago Jade.
logo
ATGBICS by Approved Tec...
AFBR-2CAR20Z-C ATGBICS-AFBR-2CAR20Z-C Datasheet
397Kb / 6P
   AFBR-2CAR20Z Avago Broadcom Compatible Active Optical Cable 10G SFP (20m)
AFBR-2CAR03Z-C ATGBICS-AFBR-2CAR03Z-C Datasheet
397Kb / 6P
   AFBR-2CAR03Z Avago Broadcom Compatible Active Optical Cable 10G SFP (3m)
AFBR-2CAR01Z-C ATGBICS-AFBR-2CAR01Z-C Datasheet
397Kb / 6P
   AFBR-2CAR01Z Avago Broadcom Compatible Active Optical Cable 10G SFP (1m)
AFBR-2CAR02Z-C ATGBICS-AFBR-2CAR02Z-C Datasheet
397Kb / 6P
   AFBR-2CAR02Z Avago Broadcom Compatible Active Optical Cable 10G SFP (2m)
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
logo
ATGBICS by Approved Tec...
AFBR-2CAR05Z-C ATGBICS-AFBR-2CAR05Z-C Datasheet
397Kb / 6P
   AFBR-2CAR05Z Avago Broadcom Compatible Active Optical Cable 10G SFP (5m)
AFBR-2CAR10Z-C ATGBICS-AFBR-2CAR10Z-C Datasheet
408Kb / 6P
   AFBR-2CAR10Z Avago Broadcom Compatible Active Optical Cable 10G SFP (10m)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com