Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP1-DC5V-F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DSP1-DC5V-F
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSP1-DC5V-F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DSP1-DC5V-F Datasheet HTML 1Page - List of Unclassifed Manufacturers DSP1-DC5V-F Datasheet HTML 2Page - List of Unclassifed Manufacturers DSP1-DC5V-F Datasheet HTML 3Page - List of Unclassifed Manufacturers DSP1-DC5V-F Datasheet HTML 4Page - List of Unclassifed Manufacturers DSP1-DC5V-F Datasheet HTML 5Page - List of Unclassifed Manufacturers DSP1-DC5V-F Datasheet HTML 6Page - List of Unclassifed Manufacturers DSP1-DC5V-F Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DS-P
4.-(1) Operate & release time
(without diode, 1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
4.-(2) Operate & release time
(without diode, 1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
4.-(3) Operate & release time
(without diode, 2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.)
80
100
120
4
3
2
1
0
5
6
7
Max.
x
Max.
Min.
Coil applied voltage, %V
x
Min.
Operate time
Release time
80
100
110
0
1
2
3
4
5
6
7
8
9
Max.
Min.
x
x
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
80
100
120
0
1
2
3
4
5
6
7
8
9
Max.
Min.
x
x
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
4.-(4) Operate & release time
(with diode, 1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
4.-(5) Operate & release time
(with diode, 1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
4.-(6) Operate & release time
(with diode, 2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
80
100
120
0
1
2
3
4
5
6
7
8
9
x
Min.
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
Max.
x
80
100
110
0
1
2
3
4
5
6
7
8
9
Min.
Max.
Min.
Max.
x
Coil applied voltage, %V
Operate time
Release time
x
80
100
120
0
1
2
3
4
5
6
7
8
9
Max.
x
Min.
Coil applied voltage, %V
Operate time
Release time
Max.
Min.
x
5.-(1) Change of pick-up and drop-out voltage
(1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
5.-(2) Change of pick-up and drop-out voltage
(1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
5.-(3) Change of pick-up and drop-out voltage
(2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
–40 –20
0
20 40
60
80
50
–50
Ambient
temperature,
°C
Pick-up voltage
Drop-out
voltage
–40 –20
0
20 40
60
80
50
–50
Ambient
temperature,
°C
Pick-up voltage
Drop-out voltage
–40 –20
0
20 40
50
–50
Ambient
temperature,
°C
Pick-up voltage
Drop-out
voltage
60
80
6.-(1) Influence of adjacent mounting
(1 Form A)
Tested sample: DSP1a-DC12V, 5 pcs.
6.-(2) Influence of adjacent mounting
(1 Form A 1 Form B)
Tested sample: DSP1-DC12V, 5 pcs.
6.-(3) Influence of adjacent mounting
(2 Form A)
Tested sample: DSP2a-DC12V, 5 pcs.
0
5
0
1
5
10
15
5
10
15
A, C
relays
are not
energized
A, C
relays
are
energized
A
B
C
Pick-up voltage
Drop-out voltage
Inter-relay distance ( ), mm
1
2
3
4
5
6
–8
–10
–6
–4
–2
0
0
2
4
6
8
10
A, C
relays
are not
energized
A, C
relays
are
energized
A
B
C
Pick-up voltage
Drop-out voltage
Inter-relay distance ( ), mm
0
5
0
1
5
10
15
5
10
15
A, C
relays
are not
energized
A, C
relays
are
energized
A
B
C
Pick-up voltage
Drop-out voltage
Inter-relay distance ( ), mm
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works,, Ltd.


Similar Part No. - DSP1-DC5V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP1-DC5V-F PANASONIC-DSP1-DC5V-F Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1-DC5V-F PANASONIC-DSP1-DC5V-F Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP1-DC5V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
   10 A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com