Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM-071 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LM-071
Description  Bluetooth Module ??Part Code LM-071 Class 2 BC04
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LM-071 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LM-071 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM-071 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LM-071
0121 270 6232 | www.lm-technologies.com | glen@lm-technologies.com
Page Number : 4 of 6
π/4 DQPSK
-20
<
-7
dB
Adjacent channel selectivity C/I
F
=Fimage
8 DPSK
-15
<
0
dB
LM-071 Pin Functions
PIN NAME
TYPE
FUNCTION
1
PIO(8)
Bi-directional
Programmable Input/Output line
2
PIO(9)
Bi-directional
Programmable Input/Output line
3
PIO(10)
Bi-directional
Programmable Input/Output line
4
AIO0
Bi-directional
Programmable Input/Output Line , 32KHz sleep clock input
5
AIO1
Bi-directional
Programmable Input/Output Line
6
RESET
CMOS input
Reset if high. Input debounced so must be high for >5ms to cause a reset
7
SPI_MISO
CMOS Output
Serial Peripheral Interface Data Output
8
SPI_CSB
CMOS Input
Chip Select For Synchronous Serial Interface active low
9
SPI_CLK
CMOS Input
Serial Peripheral Interface Clock
10
SPI_MOSI
CMOS Input
Serial Peripheral Interface Data Input
11
UART_CTS
CMOS Input
UART Clear To Send (Active Low)
12
UART_TX
CMOS Output
UART Data Output
13
UART_RTS
CMOS Output
UART Request To Send (Active Low)
14
UART_RX
CMOS Input
UART Data Input
15
PIO(11)
Bi-directional
Programmable Input/Output line
16
3V3
Power
3.3V Power Supply Input
17
GND
GND
Ground
18
PCM_OUT
CMOS Output
Synchronous Data Output
19
PCM_SYNC
Bi-directional
Synchronous Data Sync
20
PCM_IN
CMOS Input
Synchronous Data Input
21
PCM_CLK
Bi-directional
Synchronous Data Clock
22
USB_DP
Bi-directional
USB Data Plus
23
USB_DN
Bi-directional
USB Data Minus
24
PIO(7)
Bi-directional
Programmable Input/Output line
25
PIO(6)
Bi-directional
Programmable Input/Output line , CLK_REQ , WLAN_Ative/Ch_Data input
26
PIO(5)
Bi-directional
Programmable Input/Output line , USB_DETACH, BT_Ative output
27
PIO(4)
Bi-directional
Programmable Input / Output Line , USB_ON, BT_Priority/Ch_Clk Output
28
PIO(3)
Bi-directional
Programmable Input/Output Line , USB_WAKE_UP, CLK_REQ_IN
29
PIO(2)
Bi-directional
Programmable Input / Output Line , USB_PULL_UP, CLK_REQ_OUT
30
PIO(1)
Bi-directional
Programmable Input/Output Line , TX Enable
31
PIO(0)
Bi-directional
Programmable Input / Output Line , RX Enable
32
GND
GND
Ground
33
RF_IO
Analogue
50 ohm Antenna connection
34
GND
GND
Ground


Similar Part No. - LM-071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
More results

Similar Description - LM-071

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LM-072 ETC2-LM-072 Datasheet
867Kb / 6P
   Bluetooth Module - Part Code LM-072
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com