Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM32ER71E226KE15L Datasheet(PDF) 11 Page - Panasonic Battery Group

Part # GRM32ER71E226KE15L
Description  Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONICBATTERY [Panasonic Battery Group]
Direct Link  http://www.panasonic.com/industrial/batteries-oem/
Logo PANASONICBATTERY - Panasonic Battery Group

GRM32ER71E226KE15L Datasheet(HTML) 11 Page - Panasonic Battery Group

Back Button GRM32ER71E226KE15L Datasheet HTML 7Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 8Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 9Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 10Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 11Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 12Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 13Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 14Page - Panasonic Battery Group GRM32ER71E226KE15L Datasheet HTML 15Page - Panasonic Battery Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
NN30312A
Ver. CEB
OPERATION
1. Protection
(1).Output Over-Current Protection (OCP) function
And Short-Circuit Protection (SCP) function
1) The Over Current Protection is activated at about 15
A (Typ.) During the OCP, the output voltage continues
to drop at the specified current.
2) The Short-Circuit Protection function is implemented
when the output voltage decreases and the VFB pin
reaches to about 60 % of the set voltage of 0.6 V.
3) The SCP operates intermittently at 2 ms-ON, 16 ms
OFF intervals.
FCCM
High
Skip
Low
Mode
MODE pin
(2).Switching Frequency Setting
The IC can operate at three different frequency : 1250
kHz, 750 kHz and 250 kHz.
The Switching Frequency can be set by FSEL pin as
follows.
750
Open
High
Low
FSEL pin
1250
250
Frequency [kHz]
2. Pin Setting
(1).Operating Mode Setting
The IC can operate at two different modes : Skip mode
and Forced Continuous Conduction mode (FCCM).
In Skip mode, the IC is working under pulse skipping
mechanism to improve efficiency at light load condition.
In FCCM mode, the IC is working at fixed frequency to
avoid EMI issues.
The Operating Mode can be set by MODE pin as follows.
(3).Thermal Shut Down (TSD)
When the IC internal temperature becomes more than
about 130
°C, TSD operates and DCDC turns off.
(2).Over Voltage Detection (OVD) and Under Voltage
Detection (UVD)
1).The NMOS connected to the PGOOD pin turns ON
when the output voltage rises and the VFB pin voltage
reaches 115 % of its set voltage (0.6 V).
2).After (1) above, the NMOS connected to the PGOOD
pin is turned OFF after 1 ms when the output voltage
drops and the VFB pin voltage reaches 110 % of its set
voltage (0.6 V).
3).The NMOS connected to the PGOOD pin turns ON
when the output voltage drops and the VFB pin
voltage reaches 85 % of its set voltage (0.6 V).
4).After (3) above, the NMOS connected to the PGOOD
pin is turned OFF after 1 ms when the output voltage
drops and the VFB pin voltage reaches 90 % of its set
voltage (0.6 V).
Figure : OCP and SCP Operation
Output current [A]
Pendency
characteristics
(Ground short
protection Detection
about 60% of Vout )
Intermittent
operation area
Over Current Protection ( typ : 15 A )
about 2 A
1)
2)
3)
Note) The characteristics listed below are reference values derived from the design of the IC and are not guaranteed.
Figure : OVD and UVD Operation
115 %
110 %
90 %
85 %
0.6 V
0.6 V
VFB
PGOOD
1 ms
1 ms
Note: PGOOD Pin is pulled up to VREG pin
1)
2)
3)
4)
10.5 A to 20.5 A


Similar Part No. - GRM32ER71E226KE15L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
GRM32ER71E226KE15L INTERSIL-GRM32ER71E226KE15L Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
GRM32ER71E226KE15L INTERSIL-GRM32ER71E226KE15L Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
logo
Texas Instruments
GRM32ER71E226KE15L TI1-GRM32ER71E226KE15L Datasheet
606Kb / 19P
[Old version datasheet]   TPS84250EVM-001 2.5-A, Integrated Power Solution
logo
Murata Manufacturing Co...
GRM32ER71E226KE15L MURATA-GRM32ER71E226KE15L Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
Panasonic Semiconductor
GRM32ER71E226KE15L PANASONIC-GRM32ER71E226KE15L Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
More results

Similar Description - GRM32ER71E226KE15L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30196A PANASONICBATTERY-NN30196A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30195A PANASONICBATTERY-NN30195A Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30310AA PANASONICBATTERY-NN30310AA Datasheet
1Mb / 27P
   Synchronous DC-DC Step down Regulator comprising of Controller IC and Power MOSFET
NN30295A PANASONICBATTERY-NN30295A Datasheet
1Mb / 27P
   DC-DC Step down Regulator comprising of Controller IC and Power MOSFET with I2C Interface
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
LTC1773 LINER-LTC1773 Datasheet
293Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
List of Unclassifed Man...
ML3406 ETC1-ML3406 Datasheet
730Kb / 12P
   Synchronous Step-Down DC-DC Controller
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
logo
Anpec Electronics Corop...
APW7057 ANPEC-APW7057 Datasheet
154Kb / 14P
   High Power Step-Down Synchronous DC/DC Controller
APW7057 ANPEC-APW7057_08 Datasheet
419Kb / 15P
   High Power Step-Down Synchronous DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com