Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP1a-DC9V Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DSP1a-DC9V
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DSP1a-DC9V Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DSP1a-DC9V Datasheet HTML 1Page - List of Unclassifed Manufacturers DSP1a-DC9V Datasheet HTML 2Page - List of Unclassifed Manufacturers DSP1a-DC9V Datasheet HTML 3Page - List of Unclassifed Manufacturers DSP1a-DC9V Datasheet HTML 4Page - List of Unclassifed Manufacturers DSP1a-DC9V Datasheet HTML 5Page - List of Unclassifed Manufacturers DSP1a-DC9V Datasheet HTML 6Page - List of Unclassifed Manufacturers DSP1a-DC9V Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS-P
TYPES
Standard packing: Tube: 50 pcs.; Case: 500 pcs.
Note: Reverse polarity type are manufactured by lot upon receipt of order. Self-clinching types are also available, please consult us.
RATING
1. Coil data
1) Single side stable
2) 2 coil latching
Contact
arrangement
Nominal coil
voltage
g
n
i
h
c
t
a
l
li
o
c
2
e
l
b
a
t
s
e
d
i
s
e
l
g
n
i
S
Part
.
o
N
t
r
a
P
.
o
N
1 Form A
V
3
C
D
-
2
L
-
a
1
P
S
D
V
3
C
D
-
a
1
P
S
D
C
D
V
3
V
5
C
D
-
2
L
-
a
1
P
S
D
V
5
C
D
-
a
1
P
S
D
C
D
V
5
V
6
C
D
-
2
L
-
a
1
P
S
D
V
6
C
D
-
a
1
P
S
D
C
D
V
6
V
9
C
D
-
2
L
-
a
1
P
S
D
V
9
C
D
-
a
1
P
S
D
C
D
V
9
V
2
1
C
D
-
2
L
-
a
1
P
S
D
V
2
1
C
D
-
a
1
P
S
D
C
D
V
2
1
V
4
2
C
D
-
2
L
-
a
1
P
S
D
V
4
2
C
D
-
a
1
P
S
D
C
D
V
4
2
1 Form A
1 Form B
F
-
V
3
C
D
-
2
L
-
1
P
S
D
F
-
V
3
C
D
-
1
P
S
D
C
D
V
3
F
-
V
5
C
D
-
2
L
-
1
P
S
D
F
-
V
5
C
D
-
1
P
S
D
C
D
V
5
F
-
V
6
C
D
-
2
L
-
1
P
S
D
F
-
V
6
C
D
-
1
P
S
D
C
D
V
6
F
-
V
9
C
D
-
2
L
-
1
P
S
D
F
-
V
9
C
D
-
1
P
S
D
C
D
V
9
F
-
V
2
1
C
D
-
2
L
-
1
P
S
D
F
-
V
2
1
C
D
-
1
P
S
D
C
D
V
2
1
F
-
V
4
2
C
D
-
2
L
-
1
P
S
D
F
-
V
4
2
C
D
-
1
P
S
D
C
D
V
4
2
2 Form A
V
3
C
D
-
2
L
-
a
2
P
S
D
V
3
C
D
-
a
2
P
S
D
C
D
V
3
V
5
C
D
-
2
L
-
a
2
P
S
D
V
5
C
D
-
a
2
P
S
D
C
D
V
5
V
6
C
D
-
2
L
-
a
2
P
S
D
V
6
C
D
-
a
2
P
S
D
C
D
V
6
V
9
C
D
-
2
L
-
a
2
P
S
D
V
9
C
D
-
a
2
P
S
D
C
D
V
9
V
2
1
C
D
-
2
L
-
a
2
P
S
D
V
2
1
C
D
-
a
2
P
S
D
C
D
V
2
1
V
4
2
C
D
-
2
L
-
a
2
P
S
D
V
4
2
C
D
-
a
2
P
S
D
C
D
V
4
2
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. allowable voltage
(at 20
°C 68°F)
3V DC
80%V or less of
nominal voltage
(Initial)
10%V or more of
nominal voltage
(Initial)
100mA
30
300mW
130%V of
nominal voltage
3
8
A
m
0
6
C
D
V
5
0
2
1
A
m
0
5
C
D
V
6
0
7
2
A
m
3
.
3
3
C
D
V
9
0
8
4
A
m
5
2
C
D
V
2
1
0
2
9
,
1
A
m
5
.
2
1
C
D
V
4
2
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. allowable voltage
(at 20
°C 68°F)
Set coil
Reset coil
Set coil
Reset coil
Set coil
Reset coil
3V DC
80%V or less of
nominal voltage
(Initial)
80%V or less of
nominal voltage
(Initial)
100mA
100mA
30
30
300mW
300mW
130%V of
nominal voltage
3
8
A
m
0
6
A
m
0
6
C
D
V
5
83
0
2
1
A
m
0
5
A
m
0
5
C
D
V
6
120
0
7
2
A
m
3
.
3
3
A
m
3
.
3
3
C
D
V
9
270
0
8
4
A
m
5
2
A
m
5
2
C
D
V
2
1
480
0
2
9
,
1
A
m
5
.
2
1
A
m
5
.
2
1
C
D
V
4
2
1,920
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works, Ltd.


Similar Part No. - DSP1a-DC9V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
DSP1A-DC9V NAIS-DSP1A-DC9V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1A-DC9V PANASONIC-DSP1A-DC9V Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-DC9V PANASONIC-DSP1A-DC9V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1A-DC9V-R NAIS-DSP1A-DC9V-R Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
More results

Similar Description - DSP1a-DC9V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
   10 A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com