Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10499 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 10499
Description  Avago Aveon20mm range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10499 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 10499 Datasheet HTML 6Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 7Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 8Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 9Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 10Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 11Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 12Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 13Page - List of Unclassifed Manufacturers 10499 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Avago RGB Moonstone 20mm range
*Orthogonal is the elliptical beam turned through 90deg.
#Full Width Half Maximum i.e. total viewing angle
Base of lens to PCB height is 3.6mm
www.carclo-optics.com
Part No.
Description
White
FWHM
#
EFF
Cd/lm
10199
Plain Tight
13.10*13.54
86.2%
12.17
10200
Frosted Narrow
17.81*17.41
85.1%
6.71
10201
Medium Frosted
25.43*25.96
81.0%
2.73
10202
Wide Frosted
38.02*38.09
76.7%
1.38
10199
10200
10201
10202


Similar Part No. - 10499

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10499 ETC-10499 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10499 HEYCO-10499 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
List of Unclassifed Man...
104990448 ETC-104990448 Datasheet
399Kb / 4P
   2.13 Triple‐Color E‐Ink Display for Raspberry Pi
104990602 ETC-104990602 Datasheet
688Kb / 7P
   Nextion Enhanced NX3224T024 ‐ Generic 2.4 HMI 320*240 Touch Display for Arduino Raspberry Pi
104990604 ETC-104990604 Datasheet
1Mb / 8P
   Nextion Basic NX4832T035 Generic 3.5 HMI 480*320 Touch Display for Arduino Raspberry Pi
More results

Similar Description - 10499

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12346 LEDIL-CA12346_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Avago Jade.
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
logo
Ledil, Inc.
CA12347 LEDIL-CA12347_18 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized for Avago Jade.
logo
ATGBICS by Approved Tec...
AFBR-2CAR20Z-C ATGBICS-AFBR-2CAR20Z-C Datasheet
397Kb / 6P
   AFBR-2CAR20Z Avago Broadcom Compatible Active Optical Cable 10G SFP (20m)
AFBR-2CAR03Z-C ATGBICS-AFBR-2CAR03Z-C Datasheet
397Kb / 6P
   AFBR-2CAR03Z Avago Broadcom Compatible Active Optical Cable 10G SFP (3m)
AFBR-2CAR01Z-C ATGBICS-AFBR-2CAR01Z-C Datasheet
397Kb / 6P
   AFBR-2CAR01Z Avago Broadcom Compatible Active Optical Cable 10G SFP (1m)
AFBR-2CAR02Z-C ATGBICS-AFBR-2CAR02Z-C Datasheet
397Kb / 6P
   AFBR-2CAR02Z Avago Broadcom Compatible Active Optical Cable 10G SFP (2m)
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2812 AVAGO-ALM-2812 Datasheet
92Kb / 3P
   Avago Technologies??ALM-2812 is a dual band low noise amplifier
logo
ATGBICS by Approved Tec...
AFBR-2CAR05Z-C ATGBICS-AFBR-2CAR05Z-C Datasheet
397Kb / 6P
   AFBR-2CAR05Z Avago Broadcom Compatible Active Optical Cable 10G SFP (5m)
AFBR-2CAR10Z-C ATGBICS-AFBR-2CAR10Z-C Datasheet
408Kb / 6P
   AFBR-2CAR10Z Avago Broadcom Compatible Active Optical Cable 10G SFP (10m)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com