Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT24C64D-SSHM-T Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT24C64D-SSHM-T
Description  2-Wire Serial Electrically Erasable and Programmable Read-only Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64D-SSHM-T Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT24C64D-SSHM-T Datasheet HTML 2Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 3Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 4Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 5Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 6Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 7Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 8Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 9Page - ATMEL Corporation AT24C64D-SSHM-T Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
8717B–SEEPR–6/10
Atmel AT24C32D/64D
4.
Device Operation
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA
pin may change only during SCL low time periods (refer to “Data Validity” diagram). Data changes during SCL
high periods will indicate a start or stop condition as defined below.
START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any
other command (refer to “Start and Stop Definition” diagram).
STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the
stop command will place the EEPROM in a standby power mode (refer to “Start and Stop Definition” diagram).
ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words.
The EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word.
STANDBY MODE: The Atmel® AT24C32D/64D features a low power standby mode which is enabled:
• Upon power-up
• After the receipt of the Stop bit and the completion of any internal operations.
SOFTWARE RESET: After an interruption in protocol, power loss or system reset, and 2-wire part can be protocol
reset by following these steps:
• Create a start bit condition
• Clock nine cycles
• Create another start bit followed by stop bit condition as shown below.
The device is ready for next communication after above steps have been completed.
Figure 4-1.
Software Reset
Start bit
Stop bit
Start bit
Dummy Clock Cycles
SCL
SDA
12
3
8
9


Similar Part No. - AT24C64D-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results

Similar Description - AT24C64D-SSHM-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C02C ATMEL-AT24C02C Datasheet
1,008Kb / 23P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C16C-SSHM-B ATMEL-AT24C16C-SSHM-B Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com