Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UDB1H680MRM Datasheet(PDF) 1 Page - Nichicon corporation

Part # UDB1H680MRM
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UDB1H680MRM Datasheet(HTML) 1 Page - Nichicon corporation

  UDB1H680MRM Datasheet HTML 1Page - Nichicon corporation UDB1H680MRM Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bi-polarized series.
Designed specifically for crossover networks in Hi-Fi sound systems.
Compliant to the RoHS directive (2002/95/EC).
GB series
ALUMINUM ELECTROLYTIC CAPACITORS
DB.GB
series
Bi-Polarized, For Speaker Network
Performance Characteristics
Category Temperature Range
Rated Voltage Range
Rated Capacitance Tolerance
Leakage Current (After 5 minutes'
application of rated voltage)
Tangent of loss angle (tan
δ) (1 kHz)
(5 kHz)
Allowable Continuous Current (8
Ω - fc)
Marking
– 40 to +85°C
– 40 to +85°C
50V
50V
± 20% at 1kHz
± 10% at 1kHz
Leakage current is not more than 0.03CV or 3
(µA), whichever is greater.
0.10 or less
0.15 or less
0.05 or less
0.05 or less
Value in table or less
Value in table or less
Printed with white color letter on black sleeve.
DB series
GB series
Specifications
Radial Lead Type
Type numbering system (Example : DB series 50V 10µF)
L+
MAX.
15MIN
4MIN
Sleeve (P.E.T.)
φ d
φD
P
φd
8
3.5
0.8
10
5.0
0.8
12.5
5.0
0.8
16
7.5
0.8
18
7.5
0.8
1
1
1
1
1
0.5
0.5
0.5
0.5
0.5
22
10.0
1.0
2
1
25
12.5
1.0
2
1
Pressure
relief vent
(mm)
U
1
D
2
B
3
1
4
H
5
1
6
0
7
0
8
M
9
H
10
M
11
Configuration
Capacitance tolerance
DB:M(
± 20%) GB:K(± 10%)
Rated capacitance (10
µF)
Rated voltage (50V)
Series name
Type
φD
8 · 10
Code
PM
12.5 to 18
HM
22 · 25
RM
Dimensions
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
010
1R5
2R2
3R3
4R7
6R8
100
150
220
330
470
680
8
× 11.5
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 20
12.5
× 25
12.5
× 25
16
× 25
16
× 31.5
18
× 35.5
22
× 40
10
× 20
12.5
× 20
12.5
× 20
16
× 25
16
× 25
16
× 31.5
18
× 35.5
22
× 40
22
× 40
25
× 40
20k
13k
9k
6k
4.2k
2.9k
2k
1.3k
900
600
420
290
205
245
320
400
480
540
600
660
740
800
1020
1200
760
800
820
850
890
920
970
1040
1060
1120
1H (50V)
Cap..
(µF)
DB
φD×L (mm) GB φD×L (mm)
Frequency (Hz)
Rated ripple (mArms)
DB
Code
GB
• Please refer to page 20 about the end seal configulation.
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Products which are scheduled to be discontinued.
Not recommended for new designs
CAT.8100B


Similar Part No. - UDB1H680MRM

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UDB1H680MHM NICHICON-UDB1H680MHM Datasheet
91Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UDB1H680MRM

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com