Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH162373MTX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74VCXH162373MTX
Description  Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162373MTX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74VCXH162373MTX Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162373MTX Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (2.3V
≤ V
CC ≤ 2.7V)
Note 8: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 9: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 10: Outputs disabled or 3-STATE only.
DC Electrical Characteristics (1.65V
≤ V
CC < 2.3V)
Note 11: An external driver must source at least the specified current to switch from LOW-to-HIGH.
Note 12: An external driver must sink at least the specified current to switch from HIGH-to-LOW.
Note 13: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
V CC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
2.3
− 2.7
1.6
V
VIL
LOW Level Input Voltage
2.3
− 2.7
0.7
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
2.3
− 2.7
VCC − 0.2
V
IOH = −4 mA
2.3
2.0
V
IOH = −6 mA
2.3
1.8
V
IOH = −8 mA
2.3
1.7
V
VOL
LOW Level Output Voltage
IOL = 100 µA
2.3
− 2.7
0.2
V
IOL = 6 mA
2.3
0.4
V
IOL = 8 mA
2.3
0.6
V
II
Input Leakage Current
Control Pins
0
≤ V
I ≤ 3.6V
2.3
− 2.7
±5.0
µA
Data Pins
VI = VCC or GND
2.3
− 2.7
±5.0
µA
II(HOLD)
Bushold Input Minimum
VIN = 0.7V
2.3
45
µA
Drive Hold Current
VIN = 1.6V
2.3
−45
II(OD)
Bushold Input Over-Drive
(Note 8)
2.7
300
µA
Current to Change State
(Note 9)
2.7
−300
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
2.3
− 2.7
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
O) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3
− 2.7
20
µA
VCC ≤ (VO) ≤ 3.6V (Note 10)
2.3
− 2.7
±20
µA
Symbol
Parameter
Conditions
VCC
(V)
Min
Max
Units
VIH
HIGH Level Input Voltage
1.65 - 2.3
0.65
× V
CC
V
VIL
LOW Level Input Voltage
1.65 - 2.3
0.35
× V
CC
V
VOH
HIGH Level Output Voltage
IOH = −100 µA
1.65 - 2.3
VCC − 0.2
V
IOH = −3 mA
1.65
1.25
V
VOL
LOW Level Output Voltage
IOL = 100 µA
1.65 - 2.3
0.2
V
IOL = 3 mA
1.65
0.3
V
II
Input Leakage Current
Control Pins
0
≤ V
I ≤ 3.6V
1.65 - 2.3
±5.0
µA
Data Pins
VI = VCC or GND
1.65 - 2.3
±5.0
µA
II(HOLD)
Bushold Input Minimum
VIN = 0.57V
1.65
25
µA
Drive Hold Current
VIN = 1.07V
1.65
−25
II(OD)
Bushold Input Over-Drive
(Note 11)
1.95
200
µA
Current to Change State
(Note 12)
1.95
−200
IOZ
3-STATE Output Leakage
0
≤ V
O ≤ 3.6V
1.65 - 2.3
±10
µA
VI = VIH or VIL
IOFF
Power-OFF Leakage Current
0
≤ (V
O) ≤ 3.6V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
1.65 - 2.3
20
µA
VCC ≤ (VO) ≤ 3.6V (Note 13)
1.65
− 2.3
±20
µA


Similar Part No. - 74VCXH162373MTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH162373MTX FAIRCHILD-74VCXH162373MTX Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
More results

Similar Description - 74VCXH162373MTX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373_05 Datasheet
153Kb / 9P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74VCX162373 FAIRCHILD-74VCX162373 Datasheet
82Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26廓 Series Resistors in Outputs
74VCXH162374 FAIRCHILD-74VCXH162374 Datasheet
86Kb / 7P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26廓 Series Resistors in Outputs
74ALVC162373 FAIRCHILD-74ALVC162373 Datasheet
95Kb / 6P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in Outputs
74VCXH162240 FAIRCHILD-74VCXH162240 Datasheet
78Kb / 7P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with Bushold and 26廓 Series Resistors in Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com