Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UWQ-12-Q48 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # UWQ-12-Q48
Description  Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UWQ-12-Q48 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  UWQ-12-Q48 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UWQ-12-Q48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
The UWQ series offers high output current (up to
17 Amps) in an industry standard “quarter brick”
package requiring no heat sink for most applica-
tions. The UWQ series delivers fixed DC output
voltages up to 204 Watts (12V @17A) for printed
circuit board mounting. Wide range inputs of 18
to 75 Volts DC (48 Volts nominal) are ideal for
datacom and telecom systems.
Advanced automated surface mount assembly
and planar magnetics deliver galvanic isolation
rated at 2250 Vdc for basic insulation. To power
digital systems, the outputs offer fast settling to
current steps and tolerance of higher capacitive
loads. Excellent ripple and noise specifications as-
sure compatibility to CPU’s, ASIC’s, programmable
logic and FPGA’s. No minimum load is required.
For systems needing controlled startup/shutdown,
an external remote On/Off control may use either
positive or negative polarity.
A wealth of self-protection features include
input undervoltage lockout and overtemperature
shutdown using an on-board temperature sensor;
overcurrent protection using the “hiccup” auto-
restart technique, provides indefinite short-circuit
protection, along with output OVP. The synchronous
rectifier topology offers high efficiency for minimal
heat generation and “no heat sink” operation. The
UWQ series is certified to safety standards UL/
EN/IEC/CSA 60950-1, 2nd edition. It meets RFI/
EMI conducted/radiated emission compliance to
EN55022, CISPR22 with an external filter.
PRODUCT OVERVIEW
APPLICATIONS
Embedded systems, datacom and telecom
installations, wireless base stations
Disk farms, data centers and cellular repeater sites
Remote sensor systems, dedicated controllers
Instrumentation systems, R&D platforms, auto-
mated test fixtures
Data concentrators, voice forwarding and
speech processing systems
FEATURES
Fixed DC outputs, 12V @17A
Industry standard quarter brick 2.3” x 1.45” x
0.46” open frame package
Wide range 18 to 75 Vdc input voltages with
2250 Volt Basic isolation
Remote ON/Off enable control
DOSA-compatible pinouts and form factor
High efficiency synchronous rectifier topology
Stable no-load operation
Monotonic startup into pre-bias output condition
Certified to UL/EN 60950-1, CSA-C22.2 No.
60950-1, 2nd edition safety approvals
Extensive self-protection, OVP, input undervolt-
age, current limiting and thermal shutdown
 
F1
External
DC
Power
Source
Reference and
Error Amplifier
-Vout (4)
+Vout (8)
On/Off
Control
(2)
-Vin (3)
Open = On
+Vin (1)
polarity)
Controller
and Power
Barrier
Figure 1. Connection Diagram
Typical topology is shown. Murata Power Solutions recommends an external fuse.
UWQ-12/17-Q48 Series
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
MDC_UWQ-12/17-Q48 Series.A01.D7 Page 1 of 17
For full details go to
www.murata-ps.com/rohs
www.murata-ps.com
www.murata-ps.com/support
Typical unit
Typical unit


Similar Part No. - UWQ-12-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
More results

Similar Description - UWQ-12-Q48

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-12-Q48T-C MURATA-UWQ-12-Q48T-C Datasheet
895Kb / 17P
   Wide Input, Isolated DOSA Quarter Brick DC-DC Converters with Trim and Sense
logo
Murata Manufacturing Co...
IRS-3.3-15-Q48 MURATA1-IRS-3.3-15-Q48 Datasheet
2Mb / 26P
   Encapsulated Sixteenth-Brick DOSA-Compatible, Wide Input Isolated DC-DC Converters
2018
logo
Murata Power Solutions ...
UWS MURATA-PS-UWS Datasheet
924Kb / 25P
   Sixteenth-brick DOSA-Compatible, Wide Input Isolated DC/DC
logo
Murata Manufacturing Co...
ULS MURATA-ULS Datasheet
353Kb / 12P
   Sixteenth-brick DOSA-Compatible, Isolated DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
782482 MURATA-782482 Datasheet
106Kb / 2P
   Isolated High Power Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
RBQ-12-33-D48 MURATA-PS-RBQ-12-33-D48 Datasheet
688Kb / 15P
   Quarter-Brick 400-Watt Isolated DC-DC Converters
logo
Murata Manufacturing Co...
HPQ-12-D48 MURATA-HPQ-12-D48_11 Datasheet
800Kb / 14P
   Isolated 300-Watt Quarter Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com