Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC2104P Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC2104P
Description  256KB/512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2104P Datasheet(HTML) 5 Page - Motorola, Inc

  MPC2104P Datasheet HTML 1Page - Motorola, Inc MPC2104P Datasheet HTML 2Page - Motorola, Inc MPC2104P Datasheet HTML 3Page - Motorola, Inc MPC2104P Datasheet HTML 4Page - Motorola, Inc MPC2104P Datasheet HTML 5Page - Motorola, Inc MPC2104P Datasheet HTML 6Page - Motorola, Inc MPC2104P Datasheet HTML 7Page - Motorola, Inc MPC2104P Datasheet HTML 8Page - Motorola, Inc MPC2104P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MPC2104P
•MPC2105P
5
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
66, 67, 68, 69, 71, 72, 73,
74, 76, 77, 78, 80, 81, 82,
83, 155, 156, 157, 158,
160, 161, 162, 163, 165,
166, 167, 169, 170, 171
A0 – A28
Input
Address Inputs — (MSB:0, LSB:28).
64
ADS0
Input
Data RAM Address Strobe.
172
BURSTMODE
Input
Burstmode. 0 = Linear, 1 = Interleaved.
59
CG0
Input
Data RAM Output Enable.
30, 56, 115
CLK0 – CLK2
Input
Clock Inputs — CLK2 is for Tag RAM, CLK0 and CLK1 are for Data RAMs only.
153
CNTEN0
Input
Data RAM Count Enable.
138, 148
CWE0 – CWE1
Input
Data RAM Write Enables — (MSB:0, LSB:1).
4, 5, 6, 7, 10, 11, 12, 14,
6, 17, 19, 20, 22, 24, 25,
26, 27, 93, 94, 95, 96, 99,
100, 101, 103, 105, 106,
108, 109, 111, 113, 117
DH0 – DH31
I/O
High Data Bus — (MSB:0, LSB:31).
88
DIRTYIN
Input
Dirty input bit.
177
DIRTYOUT
Output
Dirty output bit.
32, 33, 34, 37, 38, 39, 40, 43,
44, 45, 47, 49, 50, 52, 53, 54,
119, 120, 122, 123, 124, 127,
128, 129, 131, 133, 134,
136, 137, 139, 141, 142
DL0 – DL31
I/O
Low Data Bus — (MSB:0, LSB:31).
86
MATCH
Output
Tag RAM active high match indication.
2
PD0/IDSCLK
Input
Presence detect bit 0/EEPROM serial clock. (EEPROM option only).
91
PD1/IDSDATA
I/O
Presence detect bit 1/EEPROM serial data. (EEPROM option only).
3, 92
PD2, PD3
Output
Presence detect bits.
63, 152
RESERVED
Reserved pin.
176
STANDBY
Input
Standby pin. Reduces standby power consumption.
85
TCLR
Input
Tag RAM clear.
87
TG
Input
Tag RAM output enable.
175
TWE
Input
Tag RAM write enable.
174
VALIDIN
Input
Tag RAM valid bit.
84, 173
VCC
Input
+ 5 V power supply. Must be connected.
8, 23, 51, 61, 75, 97,
112, 140, 150, 164
VDD
Input
+ 3.3 V power supply. Must be connected.
1, 13, 29, 31, 41, 46, 55, 57,
70, 79, 89, 90, 102, 114,
116, 121, 130, 135, 143,
145, 147, 159, 168, 178
VSS
Input
Ground.
9, 15, 18, 21, 28, 35 – 36, 42,
48, 58, 60, 62, 65, 98, 104,
107, 110, 118, 125 – 126,
132, 144, 146, 149, 151, 154
NC
There is no connection to the module.


Similar Part No. - MPC2104P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104SG66 MOTOROLA-MPC2104SG66 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
More results

Similar Description - MPC2104P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC2004 MOTOROLA-MPC2004 Datasheet
84Kb / 6P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2104 MOTOROLA-MPC2104 Datasheet
228Kb / 24P
   256KB and 512KB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105A MOTOROLA-MPC2105A Datasheet
245Kb / 20P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2105C MOTOROLA-MPC2105C Datasheet
229Kb / 18P
   512KB and 1MB BurstRAM Secondary Cache Modules for PowerPC PReP/CHRP Platforms
MPC2002 MOTOROLA-MPC2002 Datasheet
234Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for PowerPC - Based Systems
MCM72BA32 MOTOROLA-MCM72BA32 Datasheet
237Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BB32 MOTOROLA-MCM72BB32 Datasheet
252Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CF32 MOTOROLA-MCM72CF32 Datasheet
259Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72BF32 MOTOROLA-MCM72BF32 Datasheet
253Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
MCM72CB32 MOTOROLA-MCM72CB32 Datasheet
260Kb / 14P
   256KB and 512KB BurstRAM Secondary Cache Module for Pentium
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com