Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1422015-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1422015-8
Description  P1 Relay V23026
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1422015-8 Datasheet(HTML) 1 Page - Tyco Electronics

  1422015-8 Datasheet HTML 1Page - Tyco Electronics 1422015-8 Datasheet HTML 2Page - Tyco Electronics 1422015-8 Datasheet HTML 3Page - Tyco Electronics 1422015-8 Datasheet HTML 4Page - Tyco Electronics 1422015-8 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
02-2012, Rev. 0212
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
AXICOM
Signal Relays
P1 Relay V23026
Coil Data
Magnetic system
polarized
Coil voltage range
3 to 24VDC
other coil voltages on request
Operative range, IEC 61810
see coil operative range
Max. coil temperature
85°C
Thermal resistance
<130K/W
Coil versions, THT, monostable
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDCmin.
VDCmin.
Ω ±10%
mW
006
3
2.25
0.3
137
66
001
5
3.75
0.5
370
68
005
9
6.75
0.9
1165
70
002
12
9.00
1.2
2250
34
004
24
18.00
2.4
4500
128
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil versions, SMT, monostable
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDCmin.
VDCmin.
Ω ±10%
mW
026
3
2.25
0.3
113
80
021
5
3.75
0.5
313
80
025
9
6.75
0.9
1015
80
022
12
9.00
1.2
1800
80
024
24
18.00
2.4
4500
128
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Coil operative range, monostable DC coil
n
Directly triggerable with TTL standard modules as ALS, HCT & ACT
n
Slim line 13.5x7.85mm (0.531x0.309”)
n
Switching current 1 A
n
Bifurcated 1 form C (CO) contact
n
Immersion cleanable
n
High sensitivity results in low nominal power consumption, 65 to
130mW for monostable and 30 to 150mW for bistable (latching)
n
Initial surge withstand voltage
2.5kV (2/10μs) meets the Bellcore Requirement GR-1089
1.5kV (10/160μs) meets FCC Part 68
Typical applications
Automotive equipment, CAN bus, imobilizer, office equipment, measurement
and control equipment, medical equipment, safety equipment
Approvals
UL 508 File No. E 111441
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO)
Max. switching voltage
125VDC, 150VAC
Rated current
1A
Limiting continuous current, 85°C
1A
Breaking capacity max.
see max. DC load breaking capacity
Contact material
Palladium nickel,
gold-rhodium covered
Contact style
bifurcated contact
Min. recommended contact load
10mA at 20mV
Initial contact resistance
≤50mΩ at 10mA/20mV
Frequency of operation without load
200 ops./s
Operate/release time max.
2ms
Set/reset time max.
2ms
Bounce time max.
3ms
Electrical endurance
at 12V/10mA
typ. 50x106 operations
at 6V/100mA
typ. 10x106 operations
at 30V/1000mA
typ. 10x103 operations
Contact ratings
UL contact ratings
30VDC/1A
65VDC/0.46A
150VAC/0.46A
Mechanical endurance
typ. 109 operations
Max. DC load breaking capacity
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
7 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Contact Data
Number of contacts and type
1 changeover contact
Contact assembly
Bifurcated contact
Contact material
Palladium nickel, gold-rhodium covered
Limiting continuous current at max. ambient temperature
1 A
Maximum switching current
1 A
Maximum swichting voltage
125 Vdc
150 Vac
Maximum switching capacity
30 W, 60 VA
Thermoelectric potential
< 100 µV
Initial contact resistance / measuring condition: 10 mA / 20 mV
< 50 m
Electrical endurance at 12 V / 10 mA
at 6 V / 100 mA
at 30 V / 1000 mA
typ. 5 x 107 operations
typ. 1 x 107 operations
typ. 1 x 104 operations
Mechanical endurance
typ. 109 operations
UL contact ratings
30 Vdc / 1 A
65 Vdc / 0.46 A
150 Vac / 0.46 A
Max. DC Load Breaking Capacity
108-98009 Rev. E
All specifications subject to change. Consult Tyco Electronics for latest specifications.
5 of 12
Telecom-, Signal and RF Relays
P1 V23026 Relay
AXICOM
Coil Operating Range
Unom
= Nominal coil voltage
Umax.
= Upper limit of the operative range of
the coil voltage (limiting voltage)
when coils are continously energized
Uop. min.
= Lower limit of the operative range of
the coil voltage (reliable operate
voltage)
Urel. min.
= Lower limit of the operative range of
the coil voltage (reliable release
voltage)
Umax. at 0 A
Umax. at - 1 A
Unom. nominal coil voltage
Uop. min.
Urel. min.
Ambient Temperature [°C]
Umax. at 0 A
65 mW
130 mW
Ambient Temperature [°C]
Unom. nominal coil voltage
Umax.
- 100 % coil duty at 0 A
65 mW Latching
32 mW Latching
Umax. - 5 % coil duty at 1 A
Umax. - 5 % coil duty at 0 A
Uset min.
Z
P1_THTSMD


Similar Part No. - 1422015-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1422015-8 TEC-1422015-8 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
1422015-8 TEC-1422015-8 Datasheet
2Mb / 5P
   Directly triggerable with TTL standard modules as ALS, HCT & ACT
More results

Similar Description - 1422015-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393774-6 MACOM-2-1393774-6 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-0 MACOM-2-1393774-0 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-1 MACOM-2-1393774-1 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-4 MACOM-2-1393774-4 Datasheet
2Mb / 5P
   P1 Relay V23026
2-1393774-7 MACOM-2-1393774-7 Datasheet
2Mb / 5P
   P1 Relay V23026
V23026 MACOM-V23026 Datasheet
730Kb / 10P
   P1 Relay
logo
List of Unclassifed Man...
YS05S16-0G ETC2-YS05S16-0G Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
PFC500-1048F ETC2-PFC500-1048F Datasheet
870Kb / 23P
   GPS Module TC6000GN-P1
logo
Rohm
SML-P12VTT86 ROHM-SML-P12VTT86 Datasheet
644Kb / 9P
   SML-P1 series
logo
PHOENIX CONTACT
5145562 PHOENIX-5145562 Datasheet
50Kb / 2P
   Accessories - P1 ENGRAVING SPINDLE
09/12/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com