Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE13-K-V-10P-SW Datasheet(PDF) 1 Page - FERYSTER Inductive Components Manufacturer

Part # EE13-K-V-10P-SW
Description  BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

EE13-K-V-10P-SW Datasheet(HTML) 1 Page - FERYSTER Inductive Components Manufacturer

  EE13-K-V-10P-SW Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FERYSTER
TOLERANCES
BOBBIN MATERIAL: PHENOLIC
PIN MATERIAL:
CP WIRE
UL REC.
UL 94V-0
EE13-K-V-10P-SW


Similar Part No. - EE13-K-V-10P-SW

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EE13-K-V-10P-SS FERYSTER-EE13-K-V-10P-SS Datasheet
268Kb / 1P
   FERYSTER 짰 TRANSFORMERS
More results

Similar Description - EE13-K-V-10P-SW

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
EE13-K-H-8P-SW FERYSTER-EE13-K-H-8P-SW Datasheet
133Kb / 1P
   BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
EF32-K-H-14P-SW FERYSTER-EF32-K-H-14P-SW Datasheet
161Kb / 1P
   BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
POD-19X10.6-6P-SW FERYSTER-POD-19X10.6-6P-SW Datasheet
129Kb / 1P
   BOBBIN MATERIAL: PHENOLIC PIN MATERIAL: CP WIRE UL REC. UL 94V-0
EE16-K-H-10P-SW-AW FERYSTER-EE16-K-H-10P-SW-AW Datasheet
155Kb / 1P
   BOBBIN MATERIAL: PHENOLIC PIN MATERIAL UL REC
PQ32X30-K-12P-P-3206 FERYSTER-PQ32X30-K-12P-P-3206 Datasheet
503Kb / 1P
   Bobbin material PHENOLIC PM9820 UL 94V-0
E25_11-K-V-8P-2557 FERYSTER-E25_11-K-V-8P-2557 Datasheet
122Kb / 1P
   BOBBIN MATERIAL: PIN MATERIAL UL REC.
EE16-K-V-10P-SW FERYSTER-EE16-K-V-10P-SW Datasheet
129Kb / 1P
   BOBBIN MATERIAL PIN MATERIAL UL REC
EE16-K-H-8P-SW FERYSTER-EE16-K-H-8P-SW Datasheet
145Kb / 1P
   BOBBIN MATERIAL PIN MATERIAL UL REC
EE19-K-V-7P-4_3-HY FERYSTER-EE19-K-V-7P-4_3-HY Datasheet
100Kb / 1P
   BOBBIN MATERIAL PHENOLIC PIN MATERIAL CP WIRE
ETD29-K-H-5.0 FERYSTER-ETD29-K-H-5.0 Datasheet
82Kb / 1P
   Bobbin material: T375J Flammability Class: UL 94V-0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com