Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ4558CP-G1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ4558CP-G1
Description  DUAL BIPOLAR OPERATIONAL AMPLIFIERS Audio AC-3 Decoder System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ4558CP-G1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ4558CP-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ4558CP-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Data Sheet
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C
Figure 4. Open Loop Voltage Gain vs. Frequency
Figure 5. Maximum Output Voltage Swing vs. Frequency
Typical Performance Characteristics
Figure 6. Maximum Output Voltage Swing
Figure 7. Supply Current vs. Temperature
vs. Load Resistance
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
120.0
2.0
2.2
2.4
2.6
2.8
3.0
3.2
Temperature (
OC)
1
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
Frequency (Hz)
1
10
100
1k
10k
100k
1M
5
10
15
20
V
CC=+15V, VEE=-15V,
R
L=2kΩ, THD+N<5%
Frequency (Hz)
100
1k
10k
-16
-12
-8
-4
0
4
8
12
16
Negative Voltage Swing
Resistance Load (Ω)
Positive Voltage Swing


Similar Part No. - AZ4558CP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4558CP-E1 BCDSEMI-AZ4558CP-E1 Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558CP-E1 BCDSEMI-AZ4558CP-E1 Datasheet
136Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ4558CP-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4559 BCDSEMI-AZ4559 Datasheet
146Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C_06 Datasheet
136Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33172-MC35172 STMICROELECTRONICS-MC33172-MC35172 Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
MC33172 STMICROELECTRONICS-MC33172_08 Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com