Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZV321 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZV321
Description  SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZV321 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZV321_10 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZV321_10 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
9
May. 2010 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
9
BCD Semiconductor Manufacturing Limited
Data Sheet
Typical Performance Characteristics (Continued)
Figure 16. Gain and Phase
vs. Frequency and Capacitive Load
Figure 17. Non-Inverting Input Small Signal
Figure 18. Non-Inverting Input Large Signal
Pulse Response
Pulse Response
VCC=5V, VEE=0V
RL=2KΩ
VIN=1Vp-p
Unity Gain
VIN
VOUT
VCC=5V, VEE=0V
RL=2KΩ
VIN=100mVp-p
Unity Gain
VIN
VOUT
Figure 15. Gain and Phase
vs. Frequency and Capacitive Load
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
C
L=100pF
C
L=200pF
C
L=1000pF
Gain
V
CC=2.5V
V
EE=-2.5V
R
L=100KΩ
Frequency (Hz)
Phase Margin
C
L=100pF
C
L=200pF
C
L=1000pF
10k
100k
1M
-30
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
CL=100pF
CL=200pF
CL=470pF
CL=1000pF
Gain
V
CC=2.5V, VEE=-2.5V
R
L=620Ω
Frequency (Hz)
Phase Margin
CL=100pF
CL=200pF
CL=470pF
CL=1000pF


Similar Part No. - AZV321_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321KSTR-E1 BCDSEMI-AZV321KSTR-E1 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321KSTR-E1 DIODES-AZV321KSTR-E1 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
AZV321KSTR-G1 DIODES-AZV321KSTR-G1 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
BCD Semiconductor Manuf...
AZV321KTR-E1 BCDSEMI-AZV321KTR-E1 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
More results

Similar Description - AZV321_10

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV321 BCDSEMI-AZV321 Datasheet
331Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321 BCDSEMI-AZV321_01 Datasheet
66Kb / 2P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV331 BCDSEMI-AZV331_10 Datasheet
787Kb / 14P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Diodes Incorporated
AZV321 DIODES-AZV321 Datasheet
391Kb / 13P
   SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
September 2013 Rev. 2 - 0
logo
ON Semiconductor
NCS2003 ONSEMI-NCS2003 Datasheet
457Kb / 10P
   Low Voltage, Rail-to-Rail Output Operational Amplifier
January, 2014 ??Rev. 2
logo
Unisonic Technologies
LV321 UTC-LV321_11 Datasheet
520Kb / 11P
   SINGLE GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMV358A TI1-LMV358A Datasheet
1Mb / 29P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
LMV358A TI1-LMV358A_17 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Low-Voltage Rail-to-Rail Output Operational Amplifier
logo
New Japan Radio
NJU7056 NJRC-NJU7056 Datasheet
242Kb / 8P
   Rail-to-Rail Output Single CMOS Operational Amplifier
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
   Rail-to-Rail Input/Output Single Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com