Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ4558C Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ4558C
Description  DUAL BIPOLAR OPERATIONAL AMPLIFIERS Audio AC-3 Decoder System
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ4558C Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ4558C Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ4558C Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Jan. 2013 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Data Sheet
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C
Typical Application
Figure 10. Typical Application of AZ4558C in Audio 2nd Order Low Pass Filter
(fO=50.6kHz, Q=0.7015, Input impedance=10K, Gain=6dB, Group delay=4.48μs)
V
CC=+12V
C3
0.1
μF
C6
0.1
μF
GND
GND
V
OUT
V
IN
R1
20K 1%
C4
22
μF/25V
GND
C5
1000pF
C2
22
μF/
25V
R3
3.3K 1%
R2 10K 1%
C1
150pF
+
3 (5)
-
2 (6)
8
4
OUT
1 (7)
AZ4558C
GND
GND
R4
6.8K
V
EE=-12V
R5
10K


Similar Part No. - AZ4558C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C Datasheet
136Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558CM BCDSEMI-AZ4558CM Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558CM BCDSEMI-AZ4558CM Datasheet
136Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558CM-E1 BCDSEMI-AZ4558CM-E1 Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ4558C

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4559 BCDSEMI-AZ4559 Datasheet
146Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C_06 Datasheet
136Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA1602 TI1-OPA1602 Datasheet
792Kb / 23P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
JUNE2011
OPA1602_1111 TI1-OPA1602_1111 Datasheet
1Mb / 28P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
NOVEMBER2011
OPA1611 TI-OPA1611 Datasheet
736Kb / 21P
[Old version datasheet]   High-Performance Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1602 TI-OPA1602_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Bipolar-Input AUDIO OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33172-MC35172 STMICROELECTRONICS-MC33172-MC35172 Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
MC33172 STMICROELECTRONICS-MC33172_08 Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com