Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUR9713AGH Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AUR9713AGH
Description  1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AUR9713AGH Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AUR9713AGH Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AUR9713AGH Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Supply Input Voltage
VIN
0 to 6.5
V
Enable Input Voltage
VEN
-0.3 to VIN+0.3
V
Output Voltage
VOUT
-0.3 to VIN+0.3
V
Power Dissipation (On PCB, TA=30°C)
PD
0.96
W
Thermal Resistance (Junction to Ambient, Simulation)
θJA
98.4
°C/W
Thermal Resistance (Junction to Case, Simulation)
θJC
35.2
°C/W
Operating Junction Temperature
TJ
160
°C
Operating Temperature
TO
-40 to 85
°C
Storage Temperature
TS
-55 to 150
°C
ESD (Human Body Model)
VHBM
2000
V
ESD (Machine Model)
VMM
200
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Input Voltage
VIN
2.5
5.5
V
Junction Temperature Range
TJ
-20
125
°C
Ambient Temperature Range
TA
-40
80
°C


Similar Part No. - AUR9713AGH

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9717 BCDSEMI-AUR9717 Datasheet
684Kb / 14P
   Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
AUR9717AGD BCDSEMI-AUR9717AGD Datasheet
684Kb / 14P
   Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9718AGD BCDSEMI-AUR9718AGD Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
More results

Similar Description - AUR9713AGH

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com