Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AUR9713 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AUR9713
Description  1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AUR9713 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AUR9713 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AUR9713 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
AUR9713
Mar. 2012 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
1
General Description
The AUR9713 is a high efficiency step-down
DC-DC voltage converter. The chip operation is
optimized using constant frequency, peak-current
mode architecture with built-in synchronous power
MOS switchers and internal compensators to reduce
external part counts. It is automatically switching
between the normal PWM mode and LDO mode to
offer improved system power efficiency covering a
wide range of loading conditions.
The oscillator and timing capacitors are all built-in
providing an internal switching frequency of
1.5MHz that allows the use only small surface mount
inductors and capacitors for portable product
implementations.
Additional
features
included
integrated Soft Start (SS), Under Voltage Lock OUT
(UVLO).
The device is available in adjustable output voltage
versions ranging from 1V to 3.3V, and is able to
deliver up to 1A.
The AUR9713 is available in TSOT-23-5 package.
Features
High Efficiency Buck Power Converter
Low Quiescent Current
Output Current: 1A
Adjustable Output Voltage from 1V to 3.3V
Wide Operating Voltage Range: 2.5V to 5.5V
Built-in Power Switches for Synchronous
Rectification with High Efficiency
Feedback Voltage: 600mV
1.5MHz Constant Frequency Operation
Automatic PWM/LDO Mode Switching Control
Thermal Shutdown Protection
Low Drop-out Operation at 100% Duty Cycle
No Schottky Diode Required
Applications
Mobile Phone, Digital Camera and MP3 Player
Headset, Radio and Other Hand-held Instrument
Post DC-DC Voltage Regulation
PDA and Notebook Computer
Figure 1. Package Type of AUR9713
TSOT-23-5


Similar Part No. - AUR9713

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9717 BCDSEMI-AUR9717 Datasheet
684Kb / 14P
   Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
AUR9717AGD BCDSEMI-AUR9717AGD Datasheet
684Kb / 14P
   Dual 1A, 1.5MHz PWM Step-down DC-DC Converter with OVP
AUR9718 BCDSEMI-AUR9718 Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9718AGD BCDSEMI-AUR9718AGD Datasheet
1Mb / 19P
   1.5MHz, 1.5A, Step-down DC-DC Converter
AUR9719 BCDSEMI-AUR9719 Datasheet
748Kb / 19P
   1.5MHz, 2A, STEP DOWN DC-DC CONVERTER
More results

Similar Description - AUR9713

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AUR9705 BCDSEMI-AUR9705 Datasheet
580Kb / 14P
   1.5MHz, 1A, STEP DOWN DC-DC CONVERTER
logo
Diodes Incorporated
AP3401 DIODES-AP3401 Datasheet
933Kb / 11P
   1.5MHZ, 1A STEP-DOWN DC - DC BUCK CONVERTER
AP3428 DIODES-AP3428_V01 Datasheet
1Mb / 14P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 5 - 2 May 2021
AP3428 DIODES-AP3428 Datasheet
1,019Kb / 13P
   1.5MHZ, 1A STEP-DOWN DC-DC BUCK CONVERTER
logo
E-CMOS Corporation
EC3201S E-CMOS-EC3201S Datasheet
653Kb / 9P
   1A, 1.5MHz, Synchronous Step Down DC/DC Converter
logo
Diodes Incorporated
AP3427M DIODES-AP3427M Datasheet
621Kb / 9P
   DUAL 1A, 1.5MHz SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010 RICHTEK-RT8010 Datasheet
397Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
   1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com