Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APD360VP-E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # APD360VP-E1
Description  SCHOTTKY BARRIER RECTIFIER Polarity Protection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

APD360VP-E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button APD360VP-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited APD360VP-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Data Sheet
SCHOTTKY BARRIER RECTIFIER
APD360
Aug. 2011
Rev. 1. 8
BCD Semiconductor Manufacturing Limited
7
Mechanical Dimensions
DO-27
Unit: mm(inch)
25.400(1.000) MIN
25.400(1.000) MIN
1.300(0.051)
1.200(0.047)
8.500(0.335)
9.500(0.374)
5.000(0.197)
5.600(0.220)
DIA.
DIA.
Cathode line
by marking


Similar Part No. - APD360VP-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
APD360VP-E1 BCDSEMI-APD360VP-E1 Datasheet
297Kb / 10P
   SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
APD360VP-E1 DIODES-APD360VP-E1 Datasheet
303Kb / 9P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - APD360VP-E1

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SB1045 FS-SB1045 Datasheet
335Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier 45V/10A SCHOTTKY BARRIER RECTIFIER
logo
SynQor Worldwide Headqu...
MQME-270-R SYNQOR-MQME-270-R Datasheet
6Mb / 15P
   Reverse polarity protection
logo
Littelfuse
MBRF30150CT LITTELFUSE-MBRF30150CT Datasheet
632Kb / 3P
   Polarity protection diodes
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Texas Instruments
TCM1703 TI-TCM1703 Datasheet
30Kb / 1P
[Old version datasheet]   TCM1703 POLARITY PROTECTION BRIDGE
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com