Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3968M-G1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3968M-G1
Description  Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3968M-G1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3968M-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3968M-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Preliminary Datasheet
Primary Side Power Switcher for Off-line SMPS
AP3968/69/70/70S
Dec. 2011 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics
VCC =15V, TJ=25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
UVLO Section
Turn-on Voltage
VON
13
15
17
V
Turn-off Voltage
VOFF
No drive Current
4.5
5.3
6.3
V
Standby Current Section
Start-up Current
IST
VCC=VON-0.5V
0.2
0.6
Operating Current
ICC
320
435
550
µA
Feedback Input Section
FB Input Current
IFB
VFB=4V
1.5
3.5
5.5
µA
FB Threshold Voltage
VFB
4.23
4.3
4.37
V
Power Transistor Section
Collector-emitter
Saturation Voltage
VCE(SAT)
AP3968/9: IC=0.5A
AP3970/70S: IC=1A
0.3
V
AP3968/69
14
17
DC Current Gain
hFE
AP3970/70S
17
26
Leakage Current
ICEO
60
nA
Over Temperature Protection
Shutdown Temperature
TSHDN
Surface temperature
125
160
ºC
Temperature Hysteresis
40
ºC
Thermal Impedance
Parameter
Symbol
Value
Unit
AP3968
80
AP3969
60
AP3970
45
Junction to Ambient
θJA
AP3970S
50
AP3968
40
AP3969
30
AP3970
22
Junction to Case
θJC
AP3970S
26
ºC/W


Similar Part No. - AP3968M-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3968MTR-G1 DIODES-AP3968MTR-G1 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results

Similar Description - AP3968M-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
logo
STMicroelectronics
VIPER22A-E STMICROELECTRONICS-VIPER22A-E Datasheet
409Kb / 21P
   Low power OFF-line SMPS primary switcher
November 2010 Rev 2
VIPER12ADIP-E STMICROELECTRONICS-VIPER12ADIP-E Datasheet
452Kb / 21P
   Low Power OFF-Line SMPS Primary Switcher
logo
Orister Corporation
RS2022P ORISTER-RS2022P Datasheet
455Kb / 7P
   Low Power OFF-Line SMPS Primary Switcher
logo
Sanken electric
STR-A6100 SANKEN-STR-A6100 Datasheet
139Kb / 2P
   LOW POWER OFF-LINE SMPS PRIMARY SWITCHER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com